Electronic Components Datasheet Search
  English  ▼

X  

TPS2560ADRCT Datasheet (PDF) - Texas Instruments

TPS2560ADRCT Datasheet PDF - Texas Instruments
Part # TPS2560ADRCT
Download  TPS2560ADRCT Download
File Size   1319.49 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Channel Precision Adjustable Current-Limited Power Switches

TPS2560ADRCT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2560ADRCT Datasheet PDF - Texas Instruments

Part # TPS2560ADRCT
Download  TPS2560ADRCT Click to download

File Size   1319.49 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Channel Precision Adjustable Current-Limited Power Switches

TPS2560ADRCT Datasheet (HTML) - Texas Instruments


TPS2560ADRCT Product details

1FEATURES
2• Two separate current limiting channels
• Meets USB Current-Limiting Requirements
• Adjustable Current Limit, 250 mA–2.8 A (typ)
• Accurate 2.1A Min / 2.5A Max Setting
(Including Resistor)
• Fast Overcurrent Response - 3.5-μs (typ)
• Two 44-mΩ High-Side MOSFETs
• Operating Range: 2.5 V to 6.5 V
• 2-μA Maximum Standby Supply Current
• Built-in Soft-Start
• 15 kV / 8 kV System-Level ESD Capable
• UL Listed – File No. E169910
• CB & Nemko Certified

APPLICATIONS
• USB Ports/Hubs
• Digital TV
• Set-Top Boxes
• VOIP Phones

DESCRIPTION
The TPS2560A and TPS2561A are dual-channel
power-distribution switches intended for applications
where precision current limiting is required or heavy
capacitive loads and short circuits are encountered.
These devices offer a programmable current-limit
threshold between 250 mA and 2.8 A (typ) per
channel via an external resistor. The power-switch
rise and fall times are controlled to minimize current
surges during turn on/off.
Each channel of the TPS2560A/61A devices limits
the output current to a safe level by switching into a
constant-current mode when the output load exceeds
the current-limit threshold. The FAULTx logic output
for each channel independently asserts low during
overcurrent and over temperature conditions.




Similar Part No. - TPS2560ADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560ADRCT TI1-TPS2560ADRCT Datasheet
1Mb / 24P
Dual Channel Precision Adjustable Current-Limited Power Switches
More results


Similar Description - TPS2560ADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
Dual Channel Precision Adjustable Current-limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com