Electronic Components Datasheet Search
  English  ▼

X  

TPS2590 Datasheet (PDF) - Texas Instruments

TPS2590 Datasheet PDF - Texas Instruments
Part # TPS2590
Download  TPS2590 Download
File Size   1881.46 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-A, 20-V High-Current Load Switch

TPS2590 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2590 Datasheet PDF - Texas Instruments

Part # TPS2590
Download  TPS2590 Click to download

File Size   1881.46 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-A, 20-V High-Current Load Switch

TPS2590 Datasheet (HTML) - Texas Instruments


TPS2590 Product details

1FEATURES
2• Integrated Pass MOSFET
• Up to 20-V Bus Operation
• Programmable Fault Timer
• Programmable Fault Current
• Programmable Hard Current-Limit
• Fast Disable
• Thermal Shutdown
• Load Fault Alert
• Latching and Auto-retry Operation
• 4-mm x 4-mm QFN
• –40°C to 125°C Junction Temperature Range
• UL2367 Recognized - File Number E169910

APPLICATIONS
• RAID Arrays
• Telecommunications
• Plug-In Circuit Boards
• Disk Drives
• SSDs
• PCIE
• Fan Control
• Notebooks and Netbooks

DESCRIPTION
The TPS2590 device provides highly integrated hot-
swap power management and superior protection in applications where the load is powered by busses up
to 20 V. The maximum UV turn-on threshold of 2.9 V
makes the TPS2590 device well suited to standard
bus voltages as low as 3.3 V. This device is intended for systems where a voltage bus must be protected to
prevent load shorts from interrupting or damaging
other system components. The TPS2590 device is in
a 16-pin QFN package.
The TPS2590 device has multiple programmable
protection features. Load protection is accomplished by a non-current-limiting fault threshold, a hard
current-limit threshold, and a fault timer. The dual
current thresholds allow the system to draw high
current for short periods without causing a voltage
droop at the load. An example of this is a disk drive startup. This technique is ideal for loads that
experience brief high demand, but benefit from
protection levels consistent with average current
draw.
Hotswap MOSFET protection is provided by power
limit circuitry which protects the internal MOSFET against SOA related failures.
The TPS2590 device provides a fault indicator output and allows latch off or retry on fault.




Similar Part No. - TPS2590

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
3-V to 20-V High-Current Load Switch
TPS2590RSA TI1-TPS2590RSA Datasheet
1Mb / 20P
3-V to 20-V High-Current Load Switch
TPS2590RSAR TI1-TPS2590RSAR Datasheet
1Mb / 20P
3-V to 20-V High-Current Load Switch
TPS2590RSAT TI1-TPS2590RSAT Datasheet
1Mb / 20P
3-V to 20-V High-Current Load Switch
More results


Similar Description - TPS2590

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
3-V to 20-V High-Current Load Switch
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
logo
ON Semiconductor
FPF2895 ONSEMI-FPF2895 Datasheet
338Kb / 13P
28 V / 5 A Rated Current Limit Switch
October 2016 Rev 1.15
NCP3902 ONSEMI-NCP3902 Datasheet
342Kb / 21P
High-Current Bidirectional Load Switch
March, 2018 ??Rev. 3
logo
Weidmuller
2680150000 WEIDMULLER-2680150000 Datasheet
544Kb / 3P
Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680160000 WEIDMULLER-2680160000 Datasheet
528Kb / 3P
Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680170000 WEIDMULLER-2680170000 Datasheet
536Kb / 3P
Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680210000 WEIDMULLER-2680210000 Datasheet
544Kb / 3P
Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680220000 WEIDMULLER-2680220000 Datasheet
531Kb / 3P
Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680230000 WEIDMULLER-2680230000 Datasheet
535Kb / 3P
Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com