Electronic Components Datasheet Search
  English  ▼

X  

TPS2554/5 Datasheet (PDF) - Texas Instruments

TPS2554/5 Datasheet PDF - Texas Instruments
Part # TPS2554/5
Download  TPS2554/5 Download
File Size   4201.0 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2559 Precision Adjustable Current-Limited Power-Distribution Switch

TPS2554/5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2554/5 Datasheet PDF - Texas Instruments

Part # TPS2554/5
Download  TPS2554/5 Click to download

File Size   4201.0 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2559 Precision Adjustable Current-Limited Power-Distribution Switch

TPS2554/5 Datasheet (HTML) - Texas Instruments


TPS2554/5 Product details

1 Features
• Operating range: 2.5 V to 6.5 V
• Adjustable 1.2-A to 4.7-A I(LIMIT) (±4.4% at 4.7 A)
• Short-circuit shutoff (typical): 3.5 μs
• High-side MOSFET: 13 mΩ
• Maximum standby supply current: 2 μA
• Built-in soft-start
• System-level ESD capable: 8 kV / 15 kV
• UL 2367 recognition pending

2 Applications
• USB ports, hubs
• Digital TVs
• Set-top boxes
• VOIP phones

3 Description
The TPS2559 power-distribution switch is intended for
applications where a low resistance, precision current
limit switch is required or heavy capacitive loads are
encountered. The TPS2559 provides up to 5.5 A of
continuous load current with a precise current limit set
by a single resistor to ground. Output current is
maintained at a safe level by switching into a
constant-current mode when the output load exceeds
the current-limit threshold. During overload events the
output current is limited to the level set by R(ILIM). If a
persistent overload occurs, the device goes into
thermal shutoff to prevent damage to the TPS2559.
The power-switch rise and fall times are controlled to
minimize current surges during turn on or off. The
FAULT logic output asserts low during overcurrent or
overtemperature conditions.




Similar Part No. - TPS2554/5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554DRCR TI1-TPS2554DRCR Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554DRCR TI1-TPS2554DRCR Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554DRCT TI1-TPS2554DRCT Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Similar Description - TPS2554/5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
Precision Adjustable Current-Limited Power-Distribution Switch
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
Adjustable Current-Limited, Power-Distribution Switch
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com