Electronic Components Datasheet Search
  English  ▼

X  

TPS2061CDBVT.A Datasheet (PDF) - Texas Instruments

TPS2061CDBVT.A Datasheet PDF - Texas Instruments
Part # TPS2061CDBVT.A
Download  TPS2061CDBVT.A Download
File Size   2145.42 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches

TPS2061CDBVT.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2061CDBVT.A Datasheet PDF - Texas Instruments

Part # TPS2061CDBVT.A
Download  TPS2061CDBVT.A Click to download

File Size   2145.42 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches

TPS2061CDBVT.A Datasheet (HTML) - Texas Instruments


TPS2061CDBVT.A Product details

1 Features
1• Single Power Switch Family
• Pin-for-Pin With Existing TI Switch Portfolio
• Rated Currents of 0.5 A, 1 A, 1.5 A, 2 A
• ±20% Accurate, Fixed, Constant Current Limit
• Fast Overcurrent Response: 2 μs
• Deglitched Fault Reporting
• Selected Parts With (TPS20xxC) and Without
(TPS20xxC-2) Output Discharge
• Reverse Current Blocking
• Built-In Soft Start
• Ambient Temperature Range: –40°C to 85°C
• UL Listed and CB-File No. E169910

2 Applications
• USB Ports and Hubs, Laptops, and Desktops
• High-Definition Digital TVs
• Set-Top Boxes
• Short-Circuit Protection

3 Description
The TPS20xxC and TPS20xxC-2 power-distribution
switch family is intended for applications, such as
USB, where heavy capacitive loads and short circuits
are likely to be encountered. This family offers
multiple devices with fixed current-limit thresholds for
applications from 0.5 A to 2 A.
The TPS20xxC and TPS20xxC-2 family limits the
output current to a safe level by operating in a
constant-current mode when the output load exceeds
the current limit threshold. This provides a predictable
fault current under all conditions. The fast overload
response time eases the burden on the main 5-V
supply to provide regulated power when the output is
shorted. The power-switch rise and fall times are
controlled to minimize current surges during turnon
and turnoff.




Similar Part No. - TPS2061CDBVT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2061CDBVT TI1-TPS2061CDBVT Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
More results


Similar Description - TPS2061CDBVT.A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com