Electronic Components Datasheet Search
  English  ▼

X  

TPS2378 Datasheet (PDF) - Texas Instruments

TPS2378 Datasheet PDF - Texas Instruments
Part # TPS2378
Download  TPS2378 Download
File Size   1864.26 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2378 IEEE 802.3at PoE High-Power PD Interface

TPS2378 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2378 Datasheet PDF - Texas Instruments

Part # TPS2378
Download  TPS2378 Click to download

File Size   1864.26 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2378 IEEE 802.3at PoE High-Power PD Interface

TPS2378 Datasheet (HTML) - Texas Instruments


TPS2378 Product details

1 Features
1• IEEE 802.3at Type-2 Hardware Classification with
Status Flag
• Adapter Priority Input
• DC/DC Converter Enable
• Robust 100 V, 0.5-Ω Hotswap MOSFET
• Operating Current up to 850 mA
• 1-A (Typical) Operating Current Limit
• 15 kV and 8 kV System-level ESD Capability
• PowerPAD™ HSOP Package

2 Applications
• IEEE 802.3at-compliant Devices
• Video and VoIP Telephones
• Multiband Access Points
• Security Cameras
• Pico-base Stations
• Forced, Four-Pair, High Power Devices
(SLVA625)

3 Description
This 8-pin integrated circuit contains all of the
features needed to implement an IEEE802.3at type-2
powered device (PD). The low 0.5-Ω internal switch
resistance, combined with the enhanced thermal
dissipation of the PowerPAD™ package, enables this
controller to continuously handle up to 0.85 A. The
TPS2378 features an auxiliary power detect (APD) input, providing priority for an external power adapter.
It also features a 100-V pass transistor, 140-mA
inrush current limiting, type-2 indication, auto-retry
fault protection, and an open-drain power-good output.




Similar Part No. - TPS2378

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
IEEE 802.3at PoE High-Power PD Interface
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS23785BPWP TI-TPS23785BPWP Datasheet
1Mb / 47P
High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS23785BPWPR TI-TPS23785BPWPR Datasheet
1Mb / 47P
High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS2378DDA TI1-TPS2378DDA Datasheet
494Kb / 25P
IEEE 802.3at PoE High-Power PD Interface
More results


Similar Description - TPS2378

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
IEEE 802.3at PoE High-Power PD Interface
TPS2379 TI1-TPS2379 Datasheet
648Kb / 30P
IEEE 802.3at PoE High-Power PD Interface with External Gate Driver
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
07-Nov-2012
logo
Silicon Laboratories
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
STMicroelectronics
STEVAL-TSP009V2 STMICROELECTRONICS-STEVAL-TSP009V2 Datasheet
311Kb / 7P
IEEE 802.3at compliant PD interface
24-Apr-2015
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
29-Jul-2013
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com