Electronic Components Datasheet Search
  English  ▼

X  

TPD2E001 Datasheet (PDF) - Texas Instruments

TPD2E001 Datasheet PDF - Texas Instruments
Part # TPD2E001
Download  TPD2E001 Download
File Size   1762.47 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD2E001 Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces

TPD2E001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD2E001 Datasheet PDF - Texas Instruments

Part # TPD2E001
Download  TPD2E001 Click to download

File Size   1762.47 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD2E001 Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces

TPD2E001 Datasheet (HTML) - Texas Instruments


TPD2E001 Product details

1 Features
• IEC 61000-4-2 ESD Protection (Level 4)
– ±8-kV Contact Discharge
– ±15-kV Air-Gap Discharge
• IO Capacitance: 1.5 pF (Typ)
• Low Leakage Current: 1 nA (Maximum)
• Low Supply Current: 1 nA
• 0.9 V to 5.5 V Supply-Voltage Range
• Space-Saving DRL, DRY, and QFN Package
Options
• Alternate 3, 4, 6-Channel options Available:
TPD3E001, TPD4E001, TPD6E001

2 Applications
• USB 2.0
• Ethernet
• FireWire™
• LVDS
• SVGA Video Connections
• Glucose Meters
• Medical Imaging

3 Description
The TPD2E001 is a two-channel Transient Voltage
Suppressor (TVS) based Electrostatic Discharge
(ESD) protection diode array. The TPD2E001 is rated
to dissipate ESD strikes at the maximum level
specified in the IEC 61000-4-2 Level 4 international
standard.
The DRS package (3.00 mm x 3.00 mm) is also
available as a non-magnetic package for medical
imaging applications.
See also TPD2E2U06DRLR which is p2p compatible
to TPD2E001DRLR and offers higher IEC ESD
Protection, lower clamping voltage, and eliminates
the input capacitor requirement.




Similar Part No. - TPD2E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
1Mb / 18P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
1Mb / 19P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 21P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 22P
Low-Capacitance 2-Channel 짹15-kV ESD-Protection Array For High-Speed Data Interfaces
More results


Similar Description - TPD2E001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
03-Jun-03
logo
Texas Instruments
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
logo
AMAZING Microelectronic...
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
logo
TECH PUBLIC Electronics...
TPD2E001DRLR TECHPUBLIC-TPD2E001DRLR Datasheet
2Mb / 5P
Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
TPESD2102X5 TECHPUBLIC-TPESD2102X5 Datasheet
1Mb / 5P
Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com