Electronic Components Datasheet Search
  English  ▼

X  

1972933 Datasheet (PDF) - PHOENIX CONTACT

1972933 Datasheet PDF - PHOENIX CONTACT
Part # 1972933
Download  1972933 Download
File Size   302.26 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 6-GF-3,81 AU - PCB header

1972933 Datasheet (PDF)

Go To PDF Page Download Datasheet
1972933 Datasheet PDF - PHOENIX CONTACT

Part # 1972933
Download  1972933 Click to download

File Size   302.26 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 6-GF-3,81 AU - PCB header

1972933 Datasheet (HTML) - PHOENIX CONTACT


1972933 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Pin, number of potentials: 6, number
of rows: 1, number of positions: 6, number of connections: 6, product range: MCV 1,5/..-GF,
pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting method: Threaded
flange, type of packaging: packed in cardboard




Similar Part No. - 1972933

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1972930000 WEIDMULLER-1972930000 Datasheet
306Kb / 4P
SCD 3.81/32/90G 3.2SN OR BX
More results


Similar Description - 1972933

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830703 PHOENIX-1830703 Datasheet
167Kb / 9P
Feed-through header - MCV 1,5/13-GF-3,81
1830729 PHOENIX-1830729 Datasheet
145Kb / 5P
MCV 1,5/15-GF-3,81
1830732 PHOENIX-1830732 Datasheet
145Kb / 5P
MCV 1,5/16-GF-3,81
1844951 PHOENIX-1844951 Datasheet
159Kb / 9P
Feed-through header - MCV 1,5/19-GF-3,81
1704065 PHOENIX-1704065 Datasheet
58Kb / 3P
MCV 1,5/ 3-GF-3,81 GY AU
1844935 PHOENIX-1844935 Datasheet
146Kb / 9P
Feed-through header - MCV 1,5/17-GF-3,81
09/12/2020
1830622 PHOENIX-1830622 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 5-GF-3,81
Jul 20, 2022
1827907 PHOENIX-1827907 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 6-GF-3,81
Jul 20, 2022
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
1847657 PHOENIX-1847657 Datasheet
384Kb / 10P
PCB header - MCV 1,5/ 6-GF-5,08
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com