Electronic Components Datasheet Search
  English  ▼

X  

IS61C1024AL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61C1024AL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61C1024AL
Download  IS61C1024AL Download
File Size   589.57 Kbytes
Page   13 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C1024AL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61C1024AL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61C1024AL
Download  IS61C1024AL Click to download

File Size   589.57 Kbytes
Page   13 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C1024AL Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61C1024AL Product details

FEATURES
• High-speed access time: 12, 15 ns
• Low active power: 160 mW (typical)
• Low standby power: 1000 μW (typical) CMOS
standby
• Output Enable (OE) and two Chip Enable
(CE1 and CE2) inputs for ease in applications
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 5V (±10%) power supply
• Commercial, industrial, and automotive temperature
ranges available
• Lead free available




Similar Part No. - IS61C1024AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
107Kb / 17P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
883Kb / 15P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HLI ISSI-IS61C1024AL-12HLI Datasheet
883Kb / 15P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12J ISSI-IS61C1024AL-12J Datasheet
107Kb / 17P
128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Similar Description - IS61C1024AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
128K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
128K x 8 HIGH-SPEED CMOS STATIC RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com