Electronic Components Datasheet Search
  English  ▼

X  

LM50CIM3 Datasheet (PDF) - Texas Instruments

LM50CIM3 Datasheet PDF - Texas Instruments
Part # LM50CIM3
Download  LM50CIM3 Download
File Size   2020.87 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package

LM50CIM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM50CIM3 Datasheet PDF - Texas Instruments

Part # LM50CIM3
Download  LM50CIM3 Click to download

File Size   2020.87 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package

LM50CIM3 Datasheet (HTML) - Texas Instruments


LM50CIM3 Product details

1 Features
• Industry-Standard Sensor Gain/Offset:
– 10mV/°C, 500mV at 0°C
• LM50HV (Next-generation):
– Drop-in replacement for LM50B/LM50C
– Wide supply range: 3V to 36V
– Temperature Accuracy:
• ±2°C (Max) over 20°C to 70°C
• ±2.5°C (Max) over -10°C to 125°C
• ±3°C (Max) over -20°C to 150°C
– Quiescent Current (Typ): 52μA
– Nonlinearity: ±1.2°C (Max)
• LM50:
– Operating supply range: 4.5V to 10V
– LM50B Temperature Accuracy:
• ±2°C (Max) at 25°C
• ±3°C (Max) over temperature range
– LM50C Temperature Accuracy:
• ±3°C (Max) at 25°C
• ±4°C (Max) over temperature range
– Quiescent Current (Typ): 95μA
– Nonlinearity: ±0.8°C (Max)
• Available in Standard SOT23-3 package
• DC Output Impedance: 2kΩ/4kΩ (Typ/Max)
– Enables driving large capacitive loads
• Designed for LDO-less applications
• UL Recognized Component (LM50B, LM50C)

2 Applications
• Mobile phones, PC & notebooks, Data storage
• Battery Management
• Home and Multifunction printers
• Medical and healthcare Instruments
• HVAC System
• Power Supply Modules

3 Description
The LM50 and LM50HV devices are precision analog
temperature sensors that can measure temperatures
from -40°C to 125°C (for LM50) and -40°C to
150°C (for LM50HV) using a single positive supply.
Unlike NTC thermistors, LM50 and LM50HV do not
require any external calibration, trimming or software
linearization leading to simplifying the circuitry
requirements. The output voltage of the devices
are linearly proportional to temperature (10mV/°C)
and has a DC offset of 500mV at 0°C. The offset
allows reading negative temperatures without the
need for a negative supply. The output voltage of the
LM50 and LM50HV ranges from 100mV (at -40°C)
to 1.75V (at 125°C for LM50) and 2V (at 150°C
for LM50HV), simplifying analog-to-digital converter
(ADC) interfacing.
LM50HV is designed for LDO-less application due
to stable functionality across wide supply range of
3V to 36V. Trimming and calibration of the LM50
and LM50HV at the wafer level provide long-term
availability, low cost and consistent accuracy: LM50B
(±3°C over temperature range), LM50C (±4°C over
temperature range) and LM50HV (±3°C over -20°C to
150°C).




Similar Part No. - LM50CIM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50CIM3 NSC-LM50CIM3 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 NSC-LM50CIM3 Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 NSC-LM50CIM3 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50CIM3 TI1-LM50CIM3 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Similar Description - LM50CIM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF_15 Datasheet
202Kb / 10P
Industry-standard SOT-23 Package
IRLML6246PBF IRF-IRLML6246PBF_15 Datasheet
214Kb / 10P
Industry-standard SOT-23 Package
IRLML6344PBF IRF-IRLML6344PBF_15 Datasheet
210Kb / 10P
Industry-standard SOT-23 Package
logo
Texas Instruments
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com