Electronic Components Datasheet Search
  English  ▼

X  

1827761 Datasheet (PDF) - PHOENIX CONTACT

1827761 Datasheet PDF - PHOENIX CONTACT
Part # 1827761
Download  1827761 Download
File Size   1330.09 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 8-STF-3,81 - PCB connector

1827761 Datasheet (PDF)

Go To PDF Page Download Datasheet
1827761 Datasheet PDF - PHOENIX CONTACT

Part # 1827761
Download  1827761 Click to download

File Size   1330.09 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 8-STF-3,81 - PCB connector

1827761 Datasheet (HTML) - PHOENIX CONTACT


1827761 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: MC 1,5/..-
STF, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5,
locking: Screw locking mechanism, mounting method: Screw flange, type of packaging: packed
in cardboard




Similar Part No. - 1827761

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827760 PHOENIX-1827760 Datasheet
1Mb / 15P
CCV 2,5/13-GF-5,08-LR P26THR - PCB header
More results


Similar Description - 1827761

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827703 PHOENIX-1827703 Datasheet
143Kb / 6P
MC 1,5/ 2-STF-3,81
1827758 PHOENIX-1827758 Datasheet
158Kb / 6P
MC 1,5/ 7-STF-3,81
1827774 PHOENIX-1827774 Datasheet
143Kb / 6P
MC 1,5/ 9-STF-3,81
1827826 PHOENIX-1827826 Datasheet
143Kb / 6P
MC 1,5/14-STF-3,81
1827842 PHOENIX-1827842 Datasheet
143Kb / 6P
MC 1,5/16-STF-3,81
1851038 PHOENIX-1851038 Datasheet
139Kb / 5P
FRONT-MC 1,5/20-STF-3,81
1892945 PHOENIX-1892945 Datasheet
111Kb / 5P
Printed-circuit board connector - MC 1,5/ 8-STF-3,81 AU
1703382 PHOENIX-1703382 Datasheet
60Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-STF-3,81 BK
1849104 PHOENIX-1849104 Datasheet
660Kb / 16P
PCB connector - LPC 1,5/ 8-STF-3,81
Jul 20, 2022
1847181 PHOENIX-1847181 Datasheet
786Kb / 15P
PCB connector - MC 1,5/ 8-STF-3,5
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com