Electronic Components Datasheet Search
  English  ▼

X  

1778043 Datasheet (PDF) - PHOENIX CONTACT

1778043 Datasheet PDF - PHOENIX CONTACT
Part # 1778043
Download  1778043 Download
File Size   1139.42 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-STF-5,08 - PCB connector

1778043 Datasheet (PDF)

Go To PDF Page Download Datasheet
1778043 Datasheet PDF - PHOENIX CONTACT

Part # 1778043
Download  1778043 Click to download

File Size   1139.42 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-STF-5,08 - PCB connector

1778043 Datasheet (HTML) - PHOENIX CONTACT


1778043 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
8, number of rows: 1, number of positions: 8, number of connections: 8, product range: MSTB
2,5/..-STF, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip,
plug-in system: COMBICON MSTB 2,5, locking: Screw locking mechanism, mounting method:
Screw flange, type of packaging: packed in cardboard




Similar Part No. - 1778043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1778043 PHOENIX-1778043 Datasheet
156Kb / 5P
MSTB 2,5/ 8-GF-5,08
1778043 PHOENIX-1778043 Datasheet
156Kb / 5P
MSTBV 2,5/ 8-GF-5,08
1778043 PHOENIX-1778043 Datasheet
143Kb / 6P
IC 2,5/ 8-STGF-5,08
1778043 PHOENIX-1778043 Datasheet
195Kb / 5P
EMSTBV 2,5/ 8-GF-5,08
More results


Similar Description - 1778043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1777989 PHOENIX-1777989 Datasheet
150Kb / 6P
MSTB 2,5/ 2-STF-5,08
1879214 PHOENIX-1879214 Datasheet
96Kb / 2P
MSTB 2,5/ 8-STF-5,08 AU
1806410 PHOENIX-1806410 Datasheet
103Kb / 3P
MSTB 2,5/ 8-STF-5,08 BK
1912197 PHOENIX-1912197 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 3-STF-5,08
Jul 20, 2022
1912207 PHOENIX-1912207 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 4-STF-5,08
Jul 20, 2022
1912184 PHOENIX-1912184 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 2-STF-5,08
Jul 21, 2022
1912236 PHOENIX-1912236 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 7-STF-5,08
Jul 21, 2022
1795556 PHOENIX-1795556 Datasheet
400Kb / 13P
PCB connector - MSTB 2,5/ 2-STF-5,08 EX
Jan 4, 2023
1912139 PHOENIX-1912139 Datasheet
418Kb / 15P
PCB connector - MSTB 2,5 HC/ 8-STF
1795637 PHOENIX-1795637 Datasheet
406Kb / 13P
MSTB 2,5/10-STF-5,08 EX - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com