Electronic Components Datasheet Search
  English  ▼

X  

1757132 Datasheet (PDF) - PHOENIX CONTACT

1757132 Datasheet PDF - PHOENIX CONTACT
Part # 1757132
Download  1757132 Download
File Size   2441.12 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/14-ST-5,08 - PCB connector

1757132 Datasheet (PDF)

Go To PDF Page Download Datasheet
1757132 Datasheet PDF - PHOENIX CONTACT

Part # 1757132
Download  1757132 Click to download

File Size   2441.12 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/14-ST-5,08 - PCB connector

1757132 Datasheet (HTML) - PHOENIX CONTACT


1757132 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
14, number of rows: 1, number of positions: 14, number of connections: 14, product range:
MSTB 2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of
packaging: packed in cardboard




Similar Part No. - 1757132

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757132 PHOENIX-1757132 Datasheet
149Kb / 6P
MSTBA 2,5/14-G-5,08
1757132 PHOENIX-1757132 Datasheet
152Kb / 6P
MSTBVA 2,5/14-G-5,08
1757132 PHOENIX-1757132 Datasheet
149Kb / 6P
EMSTBVA 2,5/14-G-5,08
More results


Similar Description - 1757132

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754685 PHOENIX-1754685 Datasheet
141Kb / 6P
MSTB 2,5/14-ST
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1757077 PHOENIX-1757077 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
1757080 PHOENIX-1757080 Datasheet
148Kb / 7P
MSTB 2,5/ 9-ST-5,08
1757103 PHOENIX-1757103 Datasheet
148Kb / 7P
MSTB 2,5/11-ST-5,08
1749234 PHOENIX-1749234 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/14-ST-5,08 AU
1759703 PHOENIX-1759703 Datasheet
97Kb / 2P
MSTB 2,5/14-ST-5,08 BK
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
1975192 PHOENIX-1975192 Datasheet
1Mb / 27P
FKCS 2,5/14-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com