Electronic Components Datasheet Search
  English  ▼

X  

1718494 Datasheet (PDF) - PHOENIX CONTACT

1718494 Datasheet PDF - PHOENIX CONTACT
Part # 1718494
Download  1718494 Download
File Size   651.35 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 5/ 3-STCL-7,62 - PCB connector

1718494 Datasheet (PDF)

Go To PDF Page Download Datasheet
1718494 Datasheet PDF - PHOENIX CONTACT

Part # 1718494
Download  1718494 Click to download

File Size   651.35 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 5/ 3-STCL-7,62 - PCB connector

1718494 Datasheet (HTML) - PHOENIX CONTACT


1718494 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 32 A, rated voltage
(III/2): 1000 V, contact surface: Sn, contact connection type: Socket, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: SPC 5/..-
STCL, pitch: 7.62 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 5,
locking: Clip locking, mounting method: Click & Lock latching slide, type of packaging: packed in
cardboard




Similar Part No. - 1718494

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1718400 PHOENIX-1718400 Datasheet
305Kb / 8P
M23-19P1N8A80DUS - Cable connector
1718401 PHOENIX-1718401 Datasheet
57Kb / 5P
PCB terminal block - MKDS 5/ 3-9,5 (13)
1718402 PHOENIX-1718402 Datasheet
306Kb / 8P
M23-19S1N8A8002S - Cable connector
1718404 PHOENIX-1718404 Datasheet
252Kb / 7P
M23-19S1N8A8003S - Cable connector
1718405 PHOENIX-1718405 Datasheet
373Kb / 11P
M23-19S1N8A8004S - Cable connector
More results


Similar Description - 1718494

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1718481 PHOENIX-1718481 Datasheet
79Kb / 4P
Printed-circuit board connector - SPC 5/ 2-STCL-7,62
1718504 PHOENIX-1718504 Datasheet
79Kb / 4P
Printed-circuit board connector - SPC 5/ 4-STCL-7,62
1718520 PHOENIX-1718520 Datasheet
78Kb / 5P
Printed-circuit board connector - SPC 5/ 6-STCL-7,62
1704561 PHOENIX-1704561 Datasheet
61Kb / 2P
SPC 5/ 2-STCL-7,62 BD:L,L
1704562 PHOENIX-1704562 Datasheet
60Kb / 2P
SPC 5/ 2-STCL-7,62 BD:L-,L-
1718517 PHOENIX-1718517 Datasheet
138Kb / 4P
SPC 5/ 5-STCL-7,62
1718546 PHOENIX-1718546 Datasheet
138Kb / 4P
SPC 5/ 8-STCL-7,62
1718562 PHOENIX-1718562 Datasheet
77Kb / 5P
Printed-circuit board connector - SPC 5/10-STCL-7,62
1718588 PHOENIX-1718588 Datasheet
77Kb / 5P
Printed-circuit board connector - SPC 5/12-STCL-7,62
1996029 PHOENIX-1996029 Datasheet
651Kb / 18P
PCB connector - SPC 5/ 3-ST-7,62
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com