Electronic Components Datasheet Search
  English  ▼

X  

MJ2955 Datasheet (PDF) - Multicomp Pro

MJ2955 Datasheet PDF - Multicomp Pro
Part # MJ2955
Download  MJ2955 Download
File Size   449.04 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transistor, PNP TO-3

MJ2955 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ2955 Datasheet PDF - Multicomp Pro

Part # MJ2955
Download  MJ2955 Click to download

File Size   449.04 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transistor, PNP TO-3

MJ2955 Datasheet (HTML) - Multicomp Pro


MJ2955 Product details

Description:
Complementary silicon power transistors are designed for general-purpose switching and amplifier applications.

Features:
• DC current gain - hFE = 20 - 70 at IC = 4A DC
• Collector-emitter saturation voltage-VCE (sat) = 1.1V DC (max.) at IC = 4A DC
• Excellent safe operating area
• Pb-free packages

Description
Transistor, PNP, TO-3




Similar Part No. - MJ2955

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ2955 MOSPEC-MJ2955 Datasheet
167Kb / 3P
POWER TRANSISTORS(15A,50V,115W)
logo
Motorola, Inc
MJ2955 MOTOROLA-MJ2955 Datasheet
130Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
STMicroelectronics
MJ2955 STMICROELECTRONICS-MJ2955 Datasheet
47Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
logo
Wing Shing Computer Com...
MJ2955 WINGS-MJ2955 Datasheet
64Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
MJ2955 BOCA-MJ2955 Datasheet
174Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Similar Description - MJ2955

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1385-Z NEC-2SA1385-Z Datasheet
235Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR MP-3
2SA1400-Z NEC-2SA1400-Z Datasheet
215Kb / 4P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3?
2SA1412-Z NEC-2SA1412-Z Datasheet
233Kb / 4P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3???
2SA1413-Z NEC-2SA1413-Z Datasheet
271Kb / 6P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3???
2SB1261-Z NEC-2SB1261-Z Datasheet
295Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR MP-3
2SB768 NEC-2SB768 Datasheet
190Kb / 4P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3?
2SB962-Z NEC-2SB962-Z Datasheet
233Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR MP-3?
2SB963-Z NEC-2SB963-Z Datasheet
219Kb / 4P
PNP SILICON EPITAXIAL DARLINGTON TRANSISTOR MP-3?
logo
List of Unclassifed Man...
2SA1385Z ETC-2SA1385Z Datasheet
235Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR MP-3
2N6052 ETC-2N6052 Datasheet
174Kb / 1P
Transistor, Bipolar, TO-3, PNP, 12 A, 100 V, 150 W
5/20/03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com