Electronic Components Datasheet Search
  English  ▼

X  

1881943 Datasheet (PDF) - PHOENIX CONTACT

1881943 Datasheet PDF - PHOENIX CONTACT
Part # 1881943
Download  1881943 Download
File Size   381.67 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 0,5/ 5-G-2,5 GY - PCB header

1881943 Datasheet (PDF)

Go To PDF Page Download Datasheet
1881943 Datasheet PDF - PHOENIX CONTACT

Part # 1881943
Download  1881943 Click to download

File Size   381.67 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 0,5/ 5-G-2,5 GY - PCB header

1881943 Datasheet (HTML) - PHOENIX CONTACT


1881943 Product details

PCB headers, nominal cross section: 0.5 mm2, color: gray, nominal current: 4 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 5, number
of rows: 1, number of positions: 5, number of connections: 5, product range: MC 0,5/..-G, pitch:
2.5 mm, mounting: Wave soldering, conductor/PCB connection direction: 0 °, pin layout: Linear
pinning, solder pin [P]: 3.8 mm, number of solder pins per potential: 1, plug-in system:
COMBICON FK-MC 0,5, Pin connector pattern alignment: Standard, locking: without, mounting
method: without, type of packaging: packed in cardboard




Similar Part No. - 1881943

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
188194 FESTO-188194 Datasheet
98Kb / 1P
Short-stroke cylinder
More results


Similar Description - 1881943

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1881451 PHOENIX-1881451 Datasheet
167Kb / 5P
MC 0,5/ 3-G-2,5
1881477 PHOENIX-1881477 Datasheet
167Kb / 5P
MC 0,5/ 5-G-2,5
1881480 PHOENIX-1881480 Datasheet
167Kb / 5P
MC 0,5/ 6-G-2,5
1881532 PHOENIX-1881532 Datasheet
167Kb / 5P
MC 0,5/11-G-2,5
1939303 PHOENIX-1939303 Datasheet
515Kb / 12P
PCB header - MC 0,5/ 8-G-2,5 THT
Jan 3, 2023
1963502 PHOENIX-1963502 Datasheet
516Kb / 13P
PCB header - MC 0,5/10-G-2,5 THT
1963421 PHOENIX-1963421 Datasheet
514Kb / 12P
PCB header - MC 0,5/ 2-G-2,5 THT
1963434 PHOENIX-1963434 Datasheet
514Kb / 12P
PCB header - MC 0,5/ 3-G-2,5 THT
1963463 PHOENIX-1963463 Datasheet
514Kb / 12P
PCB header - MC 0,5/ 6-G-2,5 THT
1963476 PHOENIX-1963476 Datasheet
512Kb / 12P
MC 0,5/ 7-G-2,5 THT - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com