Electronic Components Datasheet Search
  English  ▼

X  

1874837 Datasheet (PDF) - PHOENIX CONTACT

1874837 Datasheet PDF - PHOENIX CONTACT
Part # 1874837
Download  1874837 Download
File Size   204.38 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBVA 2,5/ 3-G-7,62 BK AU - PCB header

1874837 Datasheet (PDF)

Go To PDF Page Download Datasheet
1874837 Datasheet PDF - PHOENIX CONTACT

Part # 1874837
Download  1874837 Click to download

File Size   204.38 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBVA 2,5/ 3-G-7,62 BK AU - PCB header

1874837 Datasheet (HTML) - PHOENIX CONTACT


1874837 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 630 V, contact surface: Au, contact connection type: Pin, number of potentials: 3, number
of rows: 1, number of positions: 3, number of connections: 3, product range: GMSTBVA 2,5/..-G,
pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1874837

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1874836 PHOENIX-1874836 Datasheet
397Kb / 11P
DMCV 1,5/11-G1-3,5 P26THR - PCB header
More results


Similar Description - 1874837

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1728954 PHOENIX-1728954 Datasheet
72Kb / 3P
Printed-circuit board connector - GMSTBVA 2,5/ 2-G-7,62 BK
1731637 PHOENIX-1731637 Datasheet
97Kb / 2P
GMSTBA 2,5/ 3-G-7,62 BK
1766770 PHOENIX-1766770 Datasheet
141Kb / 5P
GMSTBVA 2,5/ 2-G-7,62
1862849 PHOENIX-1862849 Datasheet
57Kb / 4P
Base strip - GMSTBVA 2,5/ 3-G BK
1903096 PHOENIX-1903096 Datasheet
153Kb / 8P
Printed-circuit board connector - GMSTBVA 2,5/ 3-G-7,62 BK
1736959 PHOENIX-1736959 Datasheet
57Kb / 4P
Base strip - GMSTBVA 2,5/12-G-7,62 BK
1736962 PHOENIX-1736962 Datasheet
57Kb / 4P
Printed-circuit board connector - GMSTBVA 2,5/ 6-G-7,62 BK
1828922 PHOENIX-1828922 Datasheet
402Kb / 9P
PCB header - GICV 2,5/ 3-G-7,62
02/04/2022
1766712 PHOENIX-1766712 Datasheet
528Kb / 14P
PCB header - GMSTBVA 2,5/ 7-G
Jan 3, 2023
1767979 PHOENIX-1767979 Datasheet
358Kb / 11P
PCB header - GMSTBVA 2,5 HC/ 3-G-7,62
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com