Electronic Components Datasheet Search
  English  ▼

X  

1850602 Datasheet (PDF) - PHOENIX CONTACT

1850602 Datasheet PDF - PHOENIX CONTACT
Part # 1850602
Download  1850602 Download
File Size   1027.39 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTB 2,5/21-ST-5,08 - PCB connector

1850602 Datasheet (PDF)

Go To PDF Page Download Datasheet
1850602 Datasheet PDF - PHOENIX CONTACT

Part # 1850602
Download  1850602 Click to download

File Size   1027.39 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTB 2,5/21-ST-5,08 - PCB connector

1850602 Datasheet (HTML) - PHOENIX CONTACT


1850602 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
21, number of rows: 1, number of positions: 21, number of connections: 21, product range:
SMSTB 2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: -45 °, locking clip: - Locking
clip, plug-in system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of
packaging: packed in cardboard




Similar Part No. - 1850602

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1850602 PHOENIX-1850602 Datasheet
151Kb / 5P
MSTB 2,5/21-G-5,08
More results


Similar Description - 1850602

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1860730 PHOENIX-1860730 Datasheet
694Kb / 12P
FKCOW 2,5/21-ST-5,08
1861425 PHOENIX-1861425 Datasheet
251Kb / 12P
FKCOR 2,5/21-ST-5,08
1826296 PHOENIX-1826296 Datasheet
129Kb / 7P
SMSTB 2,5/ 3-ST-5,08
1826306 PHOENIX-1826306 Datasheet
135Kb / 7P
SMSTB 2,5/ 4-ST-5,08
1768943 PHOENIX-1768943 Datasheet
87Kb / 5P
Printed-circuit board connector - SMSTB 2,5/21-ST
1971073 PHOENIX-1971073 Datasheet
785Kb / 19P
PCB connector - SMSTB 2,5/ 3-STF-5,08
1971086 PHOENIX-1971086 Datasheet
725Kb / 17P
PCB connector - SMSTB 2,5/ 4-STF-5,08
1971109 PHOENIX-1971109 Datasheet
726Kb / 17P
PCB connector - SMSTB 2,5/ 6-STF-5,08
1971125 PHOENIX-1971125 Datasheet
726Kb / 17P
PCB connector - SMSTB 2,5/ 8-STF-5,08
1971060 PHOENIX-1971060 Datasheet
777Kb / 19P
SMSTB 2,5/ 2-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com