Electronic Components Datasheet Search
  English  ▼

X  

1831294 Datasheet (PDF) - PHOENIX CONTACT

1831294 Datasheet PDF - PHOENIX CONTACT
Part # 1831294
Download  1831294 Download
File Size   532.01 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 9-G-3,81 AU - PCB header

1831294 Datasheet (PDF)

Go To PDF Page Download Datasheet
1831294 Datasheet PDF - PHOENIX CONTACT

Part # 1831294
Download  1831294 Click to download

File Size   532.01 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 9-G-3,81 AU - PCB header

1831294 Datasheet (HTML) - PHOENIX CONTACT


1831294 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Pin, number of potentials: 9, number
of rows: 1, number of positions: 9, number of connections: 9, product range: MCV 1,5/..-G, pitch:
3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm, number
of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern
alignment: Standard, locking: without, mounting method: without, type of packaging: packed in
cardboard




Similar Part No. - 1831294

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1831293 PHOENIX-1831293 Datasheet
86Kb / 3P
MCV 1,5/ 3-GF-3,5 AU
More results


Similar Description - 1831294

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803426 PHOENIX-1803426 Datasheet
147Kb / 5P
MCV 1,5/ 2-G-3,81
1803468 PHOENIX-1803468 Datasheet
147Kb / 5P
MCV 1,5/ 6-G-3,81
1803497 PHOENIX-1803497 Datasheet
147Kb / 5P
MCV 1,5/ 9-G-3,81
1803510 PHOENIX-1803510 Datasheet
146Kb / 5P
MCV 1,5/11-G-3,81
1803549 PHOENIX-1803549 Datasheet
147Kb / 5P
MCV 1,5/14-G-3,81
1702176 PHOENIX-1702176 Datasheet
43Kb / 2P
Header - MCV 1,5/ 8-G-3,81 AU
1707463 PHOENIX-1707463 Datasheet
565Kb / 15P
PCB header - MCV 1,5/ 6-G-3,81 P26 THR
Nov 30, 2022
1707450 PHOENIX-1707450 Datasheet
563Kb / 15P
PCB header - MCV 1,5/ 5-G-3,81 P26 THR
Jan 3, 2023
1707502 PHOENIX-1707502 Datasheet
563Kb / 15P
PCB header - MCV 1,5/10-G-3,81 P26 THR
Jan 4, 2023
1707447 PHOENIX-1707447 Datasheet
563Kb / 15P
PCB header - MCV 1,5/ 4-G-3,81 P26 THR
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com