Electronic Components Datasheet Search
  English  ▼

X  

1824967 Datasheet (PDF) - PHOENIX CONTACT

1824967 Datasheet PDF - PHOENIX CONTACT
Part # 1824967
Download  1824967 Download
File Size   1164.71 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CC 2,5/ 2-GF-5,08-LR P26THRR32 - PCB header

1824967 Datasheet (PDF)

Go To PDF Page Download Datasheet
1824967 Datasheet PDF - PHOENIX CONTACT

Part # 1824967
Download  1824967 Click to download

File Size   1164.71 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CC 2,5/ 2-GF-5,08-LR P26THRR32 - PCB header

1824967 Datasheet (HTML) - PHOENIX CONTACT


1824967 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 2, number
of rows: 1, number of positions: 2, number of connections: 2, product range: CC 2,5/..-GF-LR,
pitch: 5.08 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder pin
[P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Lock-and-release locking system, mounting
method: Lock & release threaded flange, type of packaging: 32 mm wide tape




Similar Part No. - 1824967

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1824909 PHOENIX-1824909 Datasheet
106Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 7-H-5,08 R88
1824912 PHOENIX-1824912 Datasheet
106Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 8-H-5,08 R88
1824925 PHOENIX-1824925 Datasheet
106Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 9-H-5,08 R88
logo
Weidmuller
1824930000 WEIDMULLER-1824930000 Datasheet
1Mb / 7P
OMNIMATE Signal - series LSF LSF-SMT 7.50/07/90 3.5SN BK TU
July 2, 2018 10:12:12 AM
logo
PHOENIX CONTACT
1824938 PHOENIX-1824938 Datasheet
106Kb / 5P
PCB terminal block - SPT-SMD 1,5/10-H-5,08 R88
More results


Similar Description - 1824967

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1954582 PHOENIX-1954582 Datasheet
95Kb / 3P
Base strip - CC 2,5/ 2-G-5,08 P26THRR32
1705352 PHOENIX-1705352 Datasheet
39Kb / 1P
CC 2,5/10-GF-5,08-LR P26THRR88
1954809 PHOENIX-1954809 Datasheet
96Kb / 3P
Printed-circuit board connector - CC 2,5/ 2-GF-5,08 P26THRR32
1954692 PHOENIX-1954692 Datasheet
127Kb / 5P
CC 2,5/ 2-GF-5,08 P26THR
1836719 PHOENIX-1836719 Datasheet
487Kb / 15P
PCB header - CC 2,5/ 5-GF-LR P20 THR
Jan 10, 2023
1955963 PHOENIX-1955963 Datasheet
1Mb / 27P
PCB header - CCVA 2,5/ 2-G-5,08 P26THRR32
Jan 4, 2023
1954757 PHOENIX-1954757 Datasheet
1Mb / 25P
CC 2,5/ 8-GF-5,08 P26THR - PCB header
1836735 PHOENIX-1836735 Datasheet
489Kb / 14P
CC 2,5/ 7-GF-LR P20 THR - PCB header
1955743 PHOENIX-1955743 Datasheet
1Mb / 25P
CCV 2,5/ 2-GF-5,08 P26THRR32 - PCB header
1836696 PHOENIX-1836696 Datasheet
491Kb / 15P
CC 2,5/ 3-GF-LR P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com