Electronic Components Datasheet Search
  English  ▼

X  

TLV840 Datasheet (PDF) - Texas Instruments

TLV840 Datasheet PDF - Texas Instruments
Part # TLV840
Download  TLV840 Download
File Size   1454.04 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay

TLV840 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV840 Datasheet PDF - Texas Instruments

Part # TLV840
Download  TLV840 Click to download

File Size   1454.04 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay

TLV840 Datasheet (HTML) - Texas Instruments


TLV840 Product details

1 Features
• Operating voltage range : 0.7 V to 6 V
• Nano supply current : 120 nA (Typical)
• Fixed threshold voltage (VIT-): 0.8 V to 5.4 V
– Threshold voltages available in 100mV steps
– High accuracy: ±0.5% (Typical)
– Built-in hysteresis (VHYS): 5% (Typical)
• Reset time delay (tD): capacitor-based
programmable (TLV840C, TLV840M)
– Minimum time delay: 40 μs (typical) without
capacitor
• Active-low manual reset (MR) (TLV840M)
• Four output topologies:
– TLV840xxDL: open-drain, active-low (RESET)
– TLV840xxPL: push-pull, active-low (RESET)
– TLV840xxDH: open-drain, active-high (RESET)
– TLV840xxPH: push-pull, active-high (RESET)
• Wide temperature range: –40°C to +125°C
• Package: SOT23-5 (DBV)

2 Applications
• Motor Drives
• Factory Automation and Control
• Home Theater and Entertainment
• Electronic Point of Sale
• Grid Infrastructure
• Data Center and Enterprise Computing
• Multifunction Printer

3 Description
The TLV840 family of voltage supervisors or reset ICs
can operate at high voltage levels while maintaining
very low quiescent current across the whole VDD and
temperature range. TLV840 offers best combination of
low power consumption, high accuracy and low
propagation delay (tp_HL= 30 μs typical).
Reset output signal is asserted when the voltage at
VDD drops below the negative voltage threshold
(VIT-). Reset signal is cleared when VDD rise above
VIT- plus hysteresis (VHYS) and the reset time delay
(tD) expires. Reset time delay can be programmed by
connecting a capacitor between the CT pin and
ground for TLV840C and TLV840M. For a minimum
reset delay time the CT pin can be left floating.
TLV840N does not offer a programmable delay and
offers fixed reset delay timing options: 40 μs, 2 ms, 10
ms, 30 ms, 50 ms, 80 ms, 100 ms, 150 ms, 200 ms.
Additional features: Low power-on reset voltage
(VPOR), built-in glitch immunity protection for VDD,
built-in hysteresis, low open-drain output leakage
current (Ilkg(OD)). TLV840 is a perfect voltage
monitoring solution for industrial applications and
battery-powered / low-power applications.




Similar Part No. - TLV840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV840 TI1-TLV840 Datasheet
862Kb / 26P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840 Datasheet
1Mb / 29P
TLV840-Q1 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Similar Description - TLV840

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56632-XX PHILIPS-NE56632-XX Datasheet
141Kb / 16P
Active-LOW system reset with adjustable delay time
2002 Mar 25
logo
Texas Instruments
TLV840 TI1-TLV840 Datasheet
862Kb / 26P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840-Q1 TI-TLV840-Q1 Datasheet
1Mb / 29P
TLV840-Q1 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840-Q1 TI-TLV840-Q1_V01 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
TLV840-Q1 TI-TLV840-Q1_V02 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840-Q1 TI-TLV840-Q1_V03 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
REVISED APRIL 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com