Electronic Components Datasheet Search
  English  ▼

X  

TLV6703 Datasheet (PDF) - Texas Instruments

TLV6703 Datasheet PDF - Texas Instruments
Part # TLV6703
Download  TLV6703 Download
File Size   540.23 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6713 Micropower, 36-V Comparator With 400-mV Reference

TLV6703 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV6703 Datasheet PDF - Texas Instruments

Part # TLV6703
Download  TLV6703 Click to download

File Size   540.23 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6713 Micropower, 36-V Comparator With 400-mV Reference

TLV6703 Datasheet (HTML) - Texas Instruments


TLV6703 Product details

1 Features
1• High Supply Voltage Range: 1.8 V to 36 V
• Adjustable Threshold: Down to 400 mV
• High Threshold Accuracy:
– 0.25% (Typ)
– 0.75% Max Over Temperature
• Low Quiescent Current: 7 μA (Typ)
• Open-Drain Output
• Internal Hysteresis: 5.5 mV (Typ)
• Temperature Range: –40°C to +125°C
• Package: Thin SOT-23-6

2 Applications
• Notebook PCs and Tablets
• Smartphones
• Digital Cameras
• Video Game Controllers
• Relays and Circuit Breakers
• Portable Medical Devices
• Door and Window Sensors
• Portable- and Battery-Powered Products

3 Description
The TLV6713 high voltage comparator operates over
a 1.8-V to 36-V range. The device has a precision
comparator with an internal 400-mV reference and an
open-drain output rated to 25 V for undervoltage
detection. Set the monitored voltage with the use of
external resistors.
OUT is driven low when the voltage at the SENSE
pin drops below the negative threshold, and goes
high when the voltage returns above the positive
threshold. The comparator in the TLV6713 includes
built-in hysteresis for noise rejection, thereby
ensuring stable output operation without false
triggering.
The TLV6713 is available in a Thin SOT-23-6
package and is specified over the junction
temperature range of –40°C to +125°C.




Similar Part No. - TLV6703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6703 TI1-TLV6703 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
307Kb / 19P
Micropower, 18-V Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
344Kb / 21P
Micropower, 18-V Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
1Mb / 26P
TLV6703 Micropower, 18-V Comparator With Integrated Reference
More results


Similar Description - TLV6703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
Micropower, 36-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
307Kb / 19P
Micropower, 18-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703_18 Datasheet
344Kb / 21P
Micropower, 18-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
Micropower, 36-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_V01 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703-Q1 TI-TLV6703-Q1 Datasheet
774Kb / 22P
TLV6703-Q1 Automotive Micropower, 18-V Comparator With 400-mV Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com