Electronic Components Datasheet Search
  English  ▼

X  

TLV6710 Datasheet (PDF) - Texas Instruments

TLV6710 Datasheet PDF - Texas Instruments
Part # TLV6710
Download  TLV6710 Download
File Size   715.26 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference

TLV6710 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV6710 Datasheet PDF - Texas Instruments

Part # TLV6710
Download  TLV6710 Click to download

File Size   715.26 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference

TLV6710 Datasheet (HTML) - Texas Instruments


TLV6710 Product details

1 Features
1• High Supply Voltage Range: 1.8 V to 36 V
• Adjustable Threshold: Down to 400 mV
• High Threshold Accuracy:
– 0.25% (Typical)
– 0.75% Max Over Temperature
• Low Quiescent Current: 7 μA (Typical)
• Open-Drain Outputs
• Internal Hysteresis: 5.5 mV (Typical)
• Temperature Range: –40°C to 125°C
• Package: Thin SOT-23-6

2 Applications
• Notebook PCs and Tablets
• Smartphones
• Digital Cameras
• Video Game Controllers
• Relays and Circuit Breakers
• Portable Medical Devices
• Door and Window Sensors
• Portable- and Battery-Powered Products

3 Description
The TLV6710 is a high voltage window comparator
that operates over a 1.8 V to 36 V range. The device
has two high-accuracy comparators with an internal
400-mV reference and two open-drain outputs rated
to 25 V. The TLV6710 can be used as a window
comparator or as two independent comparators; the
monitored voltage can be set with the use of external
resistors.
OUTA is driven low when the voltage at INA+ drops
below (VITP – VHYS), and goes high when the voltage
returns above the respective threshold (VITP). OUTB
is driven low when the voltage at INB– rises above
VITP, and goes high when the voltage drops below the
respective threshold (VITP – VHYS). Both comparators
in the TLV6710 include built-in hysteresis to reject
brief glitches, thereby ensuring stable output
operation without false triggering.
The TLV6710 is available in a Thin SOT-23-6
package and is specified over the junction
temperature range of –40°C to 125°C.




Similar Part No. - TLV6710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6710 TI1-TLV6710 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
539Kb / 25P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6710 TI-TLV6710 Datasheet
2Mb / 28P
TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
More results


Similar Description - TLV6710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
Micropower, 36-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
307Kb / 19P
Micropower, 18-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703_18 Datasheet
344Kb / 21P
Micropower, 18-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
Micropower, 36-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_V01 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6700-Q1 TI-TLV6700-Q1 Datasheet
2Mb / 28P
TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com