Electronic Components Datasheet Search
  English  ▼

X  

TLV6703 Datasheet (PDF) - Texas Instruments

TLV6703 Datasheet PDF - Texas Instruments
Part # TLV6703
Download  TLV6703 Download
File Size   772.7 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6703 Micropower, 18-V Comparator With Integrated Reference

TLV6703 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV6703 Datasheet PDF - Texas Instruments

Part # TLV6703
Download  TLV6703 Click to download

File Size   772.7 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6703 Micropower, 18-V Comparator With Integrated Reference

TLV6703 Datasheet (HTML) - Texas Instruments


TLV6703 Product details

1 Features
1• Wide supply voltage range: 1.8 V to 18 V
• Adjustable threshold: down to 400 mV
• High threshold accuracy:
– 0.5% Max at 25°C
– 1.0% Max over temperature
• Low quiescent current: 5.5 μA (Typ)
• Open-drain output
• Internal hysteresis: 5.5 mV (Typ)
• Temperature range: –40°C to +125°C
• Package: thin SOT-23-6
• WSON-6

2 Applications
• Notebook PCs and tablets
• Smartphones
• Digital cameras
• Video game controllers
• Relays and circuit breakers
• Portable medical devices
• Door and window sensors
• Portable- and battery-powered products

3 Description
The TLV6703 high voltage comparator operates over
a 1.8-V to 18-V range. The TLV6703 has a highaccuracy
comparator with an internal 400-mV
reference and an open-drain output rated to 18 V for
precision voltage detection. The monitored voltage
can be set with the use of external resistors.
The OUT pin is driven low when the voltage at the
SENSE pin drops below (VIT–), and goes high when
the voltage returns above the respective threshold
(VIT+). The comparator in the TLV6703 includes builtin
hysteresis for filtering to reject brief glitches,
thereby ensuring stable output operation without false
triggering.
The TLV6703 is available in a Thin SOT-23-6
package and a leadless WSON-6; all package
variants are specified over the junction temperature
range of –40°C to +125°C.




Similar Part No. - TLV6703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6703 TI1-TLV6703 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
307Kb / 19P
Micropower, 18-V Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
344Kb / 21P
Micropower, 18-V Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
1Mb / 26P
TLV6703 Micropower, 18-V Comparator With Integrated Reference
More results


Similar Description - TLV6703

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
Micropower Voltage Reference with Comparator
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
Micropower Voltage Reference with Comparator
February 23, 2011
logo
Texas Instruments
TLV6703 TI1-TLV6703 Datasheet
307Kb / 19P
Micropower, 18-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703_18 Datasheet
344Kb / 21P
Micropower, 18-V Comparator With 400-mV Reference
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
Micropower Voltage Reference with Comparator
logo
Texas Instruments
TLV6700 TI1-TLV6700_V01 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703_V01 Datasheet
1Mb / 26P
TLV6703 Micropower, 18-V Comparator With Integrated Reference
TLV6700-Q1 TI-TLV6700-Q1 Datasheet
2Mb / 28P
TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703-Q1 TI-TLV6703-Q1 Datasheet
774Kb / 22P
TLV6703-Q1 Automotive Micropower, 18-V Comparator With 400-mV Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com