| Manufacturer | Part # | Datasheet | Description |
 Qualtek Electronics Cor... |
QF-40-01
|
302Kb / 1P |
Filter Media for QLM Sleeves
|
 PHOENIX CONTACT |
CF-3000-LOC-2
|
49Kb / 2P |
Sleeve receiver for 2.5 mm짼 sleeves
|
|
CRIMPFOX-ZA3-1
|
99Kb / 3P |
Crimping pliers for non-insulated slip-on connection sleeves 2.8 and 4.8 mm
|
|
0801014
|
55Kb / 3P |
WMS shrink sleeves provide permanent and captive conductor and cable marking
|
 Weidmuller |
9006450000
|
678Kb / 8P |
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021 |
|
9011460000
|
663Kb / 43P |
Pressing tool, Crimping tool for wire-end ferrules 0.25mm짼
November 10, 2021 |
|
9012600000
|
668Kb / 15P |
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021 |
|
9014350000
|
789Kb / 46P |
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021 |
|
9020000000
|
1Mb / 6P |
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021 |
 Lapp. |
61721866
|
165Kb / 3P |
Conductor end sleeves insulated
03.12.2020 |