Electronic Components Datasheet Search
  English  ▼

X  

1804835 Datasheet (PDF) - PHOENIX CONTACT

1804835 Datasheet PDF - PHOENIX CONTACT
Part # 1804835
Download  1804835 Download
File Size   213.01 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 3-STZ-5,08 BU - PCB connector

1804835 Datasheet (PDF)

Go To PDF Page Download Datasheet
1804835 Datasheet PDF - PHOENIX CONTACT

Part # 1804835
Download  1804835 Click to download

File Size   213.01 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 3-STZ-5,08 BU - PCB connector

1804835 Datasheet (HTML) - PHOENIX CONTACT


1804835 Product details

PCB connector, nominal cross section: 2.5 mm2, color: blue, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: MSTB 2,5/..
-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1804835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1804836 PHOENIX-1804836 Datasheet
120Kb / 7P
Base strip - PC 4/ 6-G-7,62
More results


Similar Description - 1804835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1776155 PHOENIX-1776155 Datasheet
139Kb / 10P
Printed-circuit board connector - MSTB 2,5/ 4-STZ-5,08
1776168 PHOENIX-1776168 Datasheet
150Kb / 7P
MSTB 2,5/ 3-STZ-5,08
1776207 PHOENIX-1776207 Datasheet
61Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 3-STZ-5,08-BK
1764248 PHOENIX-1764248 Datasheet
129Kb / 11P
Printed-circuit board connector - MSTB 2,5/16-STZ-5,08
1709288 PHOENIX-1709288 Datasheet
41Kb / 2P
MSTB 2,5/ 8-STZ-5,08 OG
1709290 PHOENIX-1709290 Datasheet
41Kb / 2P
MSTB 2,5/ 3-STZ-5,08 RD
1730702 PHOENIX-1730702 Datasheet
96Kb / 2P
MSTB 2,5/ 3-STZ-5,08 YE
1776184 PHOENIX-1776184 Datasheet
117Kb / 7P
MSTB 2,5/ 6-STZ-5,08 BK
1826694 PHOENIX-1826694 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-STZ-5,08 AU
1709791 PHOENIX-1709791 Datasheet
394Kb / 13P
PCB connector - MSTB 2,5/ 2-STZ-5,08
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com