Electronic Components Datasheet Search
  English  ▼

X  

1800975 Datasheet (PDF) - PHOENIX CONTACT

1800975 Datasheet PDF - PHOENIX CONTACT
Part # 1800975
Download  1800975 Download
File Size   1347.22 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5/ 8-GF-5,08 BK - PCB header

1800975 Datasheet (PDF)

Go To PDF Page Download Datasheet
1800975 Datasheet PDF - PHOENIX CONTACT

Part # 1800975
Download  1800975 Click to download

File Size   1347.22 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5/ 8-GF-5,08 BK - PCB header

1800975 Datasheet (HTML) - PHOENIX CONTACT


1800975 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 8, number
of rows: 1, number of positions: 8, number of connections: 8, product range: MSTBV 2,5/..-GF,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting method: Threaded
flange, type of packaging: packed in cardboard




Similar Part No. - 1800975

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1800973 PHOENIX-1800973 Datasheet
103Kb / 2P
MSTBV 2,5/ 2-GF-5,08 BK
More results


Similar Description - 1800975

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1800973 PHOENIX-1800973 Datasheet
103Kb / 2P
MSTBV 2,5/ 2-GF-5,08 BK
1777138 PHOENIX-1777138 Datasheet
156Kb / 5P
MSTBV 2,5/ 8-GF-5,08
1911693 PHOENIX-1911693 Datasheet
102Kb / 3P
MSTBV 2,5/ 7-GF-5,08 BK
1880724 PHOENIX-1880724 Datasheet
122Kb / 3P
MSTBV 2,5/ 5-GF-5,08 BK
1880737 PHOENIX-1880737 Datasheet
102Kb / 3P
MSTBV 2,5/11-GF-5,08 BK
1914218 PHOENIX-1914218 Datasheet
102Kb / 3P
MSTBV 2,5/ 3-GF-5,08 BK
1777235 PHOENIX-1777235 Datasheet
1Mb / 19P
PCB header - MSTBV 2,5/18-GF-5,08
Jul 21, 2022
1924538 PHOENIX-1924538 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 3-GF-5,08
Jan 3, 2023
1924583 PHOENIX-1924583 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/ 8-GF-5,08
1924606 PHOENIX-1924606 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/10-GF-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com