Electronic Components Datasheet Search
  English  ▼

X  

1763870 Datasheet (PDF) - PHOENIX CONTACT

1763870 Datasheet PDF - PHOENIX CONTACT
Part # 1763870
Download  1763870 Download
File Size   1378.05 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5/ 4-G-5,08 GY - PCB header

1763870 Datasheet (PDF)

Go To PDF Page Download Datasheet
1763870 Datasheet PDF - PHOENIX CONTACT

Part # 1763870
Download  1763870 Click to download

File Size   1378.05 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5/ 4-G-5,08 GY - PCB header

1763870 Datasheet (HTML) - PHOENIX CONTACT


1763870 Product details

PCB headers, nominal cross section: 2.5 mm2, color: gray, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 4, number
of rows: 1, number of positions: 4, number of connections: 4, product range: MSTBA 2,5/..-G,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1763870

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763876 PHOENIX-1763876 Datasheet
200Kb / 6P
SMSTB 2,5/ 8-STFS59-5,08AU SEL - PCB connector
More results


Similar Description - 1763870

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1784396 PHOENIX-1784396 Datasheet
96Kb / 2P
MSTBA 2,5/ 3-G-5,08 GY
1876204 PHOENIX-1876204 Datasheet
109Kb / 3P
MSTBA 2,5/ 5-G GY
1923869 PHOENIX-1923869 Datasheet
566Kb / 15P
PCB header - MSTBA 2,5 HC/ 2-G-5,08
Nov 30, 2022
1923775 PHOENIX-1923775 Datasheet
471Kb / 12P
PCB header - MSTBA 2,5 HC/ 4-G
Jan 3, 2023
1923885 PHOENIX-1923885 Datasheet
566Kb / 15P
PCB header - MSTBA 2,5 HC/ 4-G-5,08
Dec 30, 2022
1809092 PHOENIX-1809092 Datasheet
257Kb / 9P
PCB header - MSTBA 2,5/ 4-G-5,08-LR
Jan 10, 2023
1923872 PHOENIX-1923872 Datasheet
569Kb / 15P
PCB header - MSTBA 2,5 HC/ 3-G-5,08
1926015 PHOENIX-1926015 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 2-G-5,08-RN
1926073 PHOENIX-1926073 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 8-G-5,08-RN
1926057 PHOENIX-1926057 Datasheet
243Kb / 10P
MSTBA 2,5/ 6-G-5,08-RN - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com