Electronic Components Datasheet Search
  English  ▼

X  

1753983 Datasheet (PDF) - PHOENIX CONTACT

1753983 Datasheet PDF - PHOENIX CONTACT
Part # 1753983
Download  1753983 Download
File Size   1479.07 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 8-ST-3,81 GYBD:8-1 CN6 - PCB connector

1753983 Datasheet (PDF)

Go To PDF Page Download Datasheet
1753983 Datasheet PDF - PHOENIX CONTACT

Part # 1753983
Download  1753983 Click to download

File Size   1479.07 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 8-ST-3,81 GYBD:8-1 CN6 - PCB connector

1753983 Datasheet (HTML) - PHOENIX CONTACT


1753983 Product details

PCB connector, nominal cross section: 1.5 mm2, color: gray, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: MC 1,5/..-
ST, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking:
without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1753983

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17539 VICOR-17539 Datasheet
75Kb / 1P
HTSNK, C LONG,. .911 LOW FLOW. THRU HOLE
logo
List of Unclassifed Man...
17539 ETC2-17539 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Vicor Corporation
17539-G VICOR-17539-G Datasheet
75Kb / 1P
HTSNK, C LONG,. .911 LOW FLOW. THRU HOLE
logo
PHOENIX CONTACT
1753909 PHOENIX-1753909 Datasheet
61Kb / 3P
Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 BK AU
logo
List of Unclassifed Man...
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
More results


Similar Description - 1753983

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803332 PHOENIX-1803332 Datasheet
147Kb / 5P
MC 1,5/ 8-G-3,81
1803633 PHOENIX-1803633 Datasheet
144Kb / 6P
MC 1,5/ 8-ST-3,81
1713745 PHOENIX-1713745 Datasheet
59Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-ST-3,81 BD:1-7B
1859807 PHOENIX-1859807 Datasheet
89Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-ST-3,81 BD:1-8
11/05/2018
1849256 PHOENIX-1849256 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 8-ST-3,81-LR
Jul 20, 2022
1848956 PHOENIX-1848956 Datasheet
710Kb / 17P
PCB connector - LPC 1,5/ 8-ST-3,81
Jul 20, 2022
1827923 PHOENIX-1827923 Datasheet
958Kb / 18P
PCB header - MC 1,5/ 8-GF-3,81
Jul 21, 2022
1840337 PHOENIX-1840337 Datasheet
1Mb / 20P
PCB connector - MC 1,5/18-ST-3,81
Jul 21, 2022
1836134 PHOENIX-1836134 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 8-ST-5,08
Jan 3, 2023
1840324 PHOENIX-1840324 Datasheet
1Mb / 20P
MC 1,5/17-ST-3,81 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com