Electronic Components Datasheet Search
  English  ▼

X  

1753967 Datasheet (PDF) - PHOENIX CONTACT

1753967 Datasheet PDF - PHOENIX CONTACT
Part # 1753967
Download  1753967 Download
File Size   307.1 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 6-ST-5,08 GYBD6-1SOCN2 - PCB connector

1753967 Datasheet (PDF)

Go To PDF Page Download Datasheet
1753967 Datasheet PDF - PHOENIX CONTACT

Part # 1753967
Download  1753967 Click to download

File Size   307.1 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 6-ST-5,08 GYBD6-1SOCN2 - PCB connector

1753967 Datasheet (HTML) - PHOENIX CONTACT


1753967 Product details

PCB connector, nominal cross section: 1.5 mm2, color: gray, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: MC 1,5/..-
ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking:
without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1753967

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17539 VICOR-17539 Datasheet
75Kb / 1P
HTSNK, C LONG,. .911 LOW FLOW. THRU HOLE
logo
List of Unclassifed Man...
17539 ETC2-17539 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Vicor Corporation
17539-G VICOR-17539-G Datasheet
75Kb / 1P
HTSNK, C LONG,. .911 LOW FLOW. THRU HOLE
logo
PHOENIX CONTACT
1753909 PHOENIX-1753909 Datasheet
61Kb / 3P
Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 BK AU
logo
List of Unclassifed Man...
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
More results


Similar Description - 1753967

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803617 PHOENIX-1803617 Datasheet
144Kb / 6P
MC 1,5/ 6-ST-3,81
1840405 PHOENIX-1840405 Datasheet
140Kb / 5P
MC 1,5/ 6-ST-3,5
1836082 PHOENIX-1836082 Datasheet
436Kb / 13P
PCB connector - MC 1,5/ 3-ST-5,08
Jul 21, 2022
1836118 PHOENIX-1836118 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 6-ST-5,08
Jan 3, 2023
1836134 PHOENIX-1836134 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 8-ST-5,08
Jan 3, 2023
1836228 PHOENIX-1836228 Datasheet
569Kb / 13P
PCB header - MC 1,5/ 6-G-5,08
Jan 4, 2023
1847437 PHOENIX-1847437 Datasheet
429Kb / 13P
PCB connector - MC 1,5/10-STF-5,08
Jan 10, 2023
1847505 PHOENIX-1847505 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 6-GF-5,08
Jan 5, 2023
1836147 PHOENIX-1836147 Datasheet
423Kb / 13P
MC 1,5/ 9-ST-5,08 - PCB connector
1900918 PHOENIX-1900918 Datasheet
437Kb / 13P
MC 1,5/ 5-ST1F-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com