Electronic Components Datasheet Search
  English  ▼

X  

1737518 Datasheet (PDF) - PHOENIX CONTACT

1737518 Datasheet PDF - PHOENIX CONTACT
Part # 1737518
Download  1737518 Download
File Size   2466.16 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-ST-5,08 BK 10355 - PCB connector

1737518 Datasheet (PDF)

Go To PDF Page Download Datasheet
1737518 Datasheet PDF - PHOENIX CONTACT

Part # 1737518
Download  1737518 Click to download

File Size   2466.16 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-ST-5,08 BK 10355 - PCB connector

1737518 Datasheet (HTML) - PHOENIX CONTACT


1737518 Product details

PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
8, number of rows: 1, number of positions: 8, number of connections: 8, product range: MSTB
2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1737518

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1737510000 WEIDMULLER-1737510000 Datasheet
742Kb / 22P
Cable glands
More results


Similar Description - 1737518

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757077 PHOENIX-1757077 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
1758856 PHOENIX-1758856 Datasheet
96Kb / 2P
MSTB 2,5/ 2-ST-5,08 BK
1759509 PHOENIX-1759509 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 BK
1759910 PHOENIX-1759910 Datasheet
103Kb / 3P
MSTB 2,5/12-ST-5,08 BK
1729373 PHOENIX-1729373 Datasheet
61Kb / 2P
MSTB 2,5/ 5-ST-5,08 BK VPE500
1756379 PHOENIX-1756379 Datasheet
96Kb / 2P
MSTB 2,5/ 8-ST BK
1758694 PHOENIX-1758694 Datasheet
102Kb / 3P
MSTB 2,5/10-ST-5,08 BK
1758940 PHOENIX-1758940 Datasheet
96Kb / 2P
MSTB 2,5/ 8-ST-5,08 BK
1759703 PHOENIX-1759703 Datasheet
97Kb / 2P
MSTB 2,5/14-ST-5,08 BK
1921625 PHOENIX-1921625 Datasheet
97Kb / 2P
FRONT-MSTB 2,5/ 2-ST-5,08 BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com