Electronic Components Datasheet Search
  English  ▼

X  

TLV710-Q1 Datasheet (PDF) - Texas Instruments

TLV710-Q1 Datasheet PDF - Texas Instruments
Part # TLV710-Q1
Download  TLV710-Q1 Download
File Size   1576.05 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices

TLV710-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV710-Q1 Datasheet PDF - Texas Instruments

Part # TLV710-Q1
Download  TLV710-Q1 Click to download

File Size   1576.05 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices

TLV710-Q1 Datasheet (HTML) - Texas Instruments


TLV710-Q1 Product details

1FEATURES
2• Very Low Dropout:
– 150mV at IOUT = 200mA and VOUT = 2.8V
– 75mV at I OUT = 100mA and VOUT = 2.8V
– 40mV at IOUT = 50mA and VOUT = 2.8V
• 2% Accuracy Over Temperature
• Low IQ of 35mA per Regulator
• Multiple Fixed Output Voltage Combinations
Possible from 1.2V to 4.8V
• High PSRR: 70dB at 1kHz
• Stable with Effective Capacitance of 0.1mF(1)
• Over-Current and Thermal Protection
• Dedicated VREF for Each Output Minimizes
Crosstalk
• Available in 1.5mm × 1.5mm SON-6 Package
(1) See the Input and Output Capacitor Requirements in the
Application Information section

APPLICATIONS
• Wireless Handsets, Smart Phones, PDAs
• MP3 Players and Other Handheld Products

DESCRIPTION
The TLV710 and TLV711 series of dual, low-dropout
(LDO) linear regulators are low quiescent current
devices with excellent line and load transient
performance. These LDOs are designed for
power-sensitive applications. These devices provide
a typical accuracy of 2% over temperature.
The TLV711 series provides an active pulldown
circuit to quickly discharge the outputs.
In addition, the TLV711-D series of devices have
pull-down resistors at the EN pins. This design helps
in disabling the device when the signal-driving EN
pins are in a weak, indeterminate state (for example,
the GPIO of a processor that might be three-stated
during startup). The pull-down resistor pulls the
voltage to the EN pins down to 0V, thus disabling the
device.
The TLV710 and TLV711 series are available in a
1.5mm x 1.5mm SON-6 package, and are ideal for
handheld applications.




Similar Part No. - TLV710-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV710-Q1 TI1-TLV710-Q1 Datasheet
1Mb / 22P
Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710-Q1 TI1-TLV710-Q1 Datasheet
1Mb / 33P
Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results


Similar Description - TLV710-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV710 TI-TLV710_10 Datasheet
1Mb / 24P
Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710_12 Datasheet
1Mb / 30P
Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV7103318-Q1 TI1-TLV7103318-Q1_17 Datasheet
1Mb / 22P
Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710_17 Datasheet
1Mb / 33P
Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com