Electronic Components Datasheet Search
  English  ▼

X  

1706930 Datasheet (PDF) - PHOENIX CONTACT

1706930 Datasheet PDF - PHOENIX CONTACT
Part # 1706930
Download  1706930 Download
File Size   580.21 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVW 1,5/16-ST-3,5 BD:1-16 - PCB connector

1706930 Datasheet (PDF)

Go To PDF Page Download Datasheet
1706930 Datasheet PDF - PHOENIX CONTACT

Part # 1706930
Download  1706930 Click to download

File Size   580.21 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVW 1,5/16-ST-3,5 BD:1-16 - PCB connector

1706930 Datasheet (HTML) - PHOENIX CONTACT


1706930 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 16,
number of rows: 1, number of positions: 16, number of connections: 16, product range: MCVW
1,5/..-ST, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: -90 °, plug-in system: COMBICON MC 1,5,
locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1706930

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1706930000 WEIDMULLER-1706930000 Datasheet
742Kb / 22P
Cable glands
More results


Similar Description - 1706930

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790247 PHOENIX-1790247 Datasheet
95Kb / 4P
DFMC 1,5/16-ST-3,5
1827114 PHOENIX-1827114 Datasheet
151Kb / 6P
MCVW 1,5/16-ST-3,81
1862205 PHOENIX-1862205 Datasheet
89Kb / 5P
Plug - MC 1,5/16-ST-3,81 BD:1-16
1967841 PHOENIX-1967841 Datasheet
78Kb / 4P
Printed-circuit board connector - MC 1,5/16-ST-3,5 BD:1-16
1862946 PHOENIX-1862946 Datasheet
139Kb / 5P
MCVW 1,5/11-ST-3,5
1800238 PHOENIX-1800238 Datasheet
67Kb / 2P
MCVW 1,5/ 2-ST-3,5 BK
1862904 PHOENIX-1862904 Datasheet
357Kb / 11P
PCB connector - MCVW 1,5/ 7-ST-3,5
Jan 3, 2023
1862991 PHOENIX-1862991 Datasheet
400Kb / 12P
PCB connector - MCVW 1,5/16-ST-3,5
Jan 10, 2023
1940046 PHOENIX-1940046 Datasheet
710Kb / 16P
PCB connector - FK-MCP 1,5/16-ST-3,5
Jan 10, 2023
1863149 PHOENIX-1863149 Datasheet
643Kb / 14P
MCVW 1,5/16-STF-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com