Electronic Components Datasheet Search
  English  ▼

X  

1706707 Datasheet (PDF) - PHOENIX CONTACT

1706707 Datasheet PDF - PHOENIX CONTACT
Part # 1706707
Download  1706707 Download
File Size   1219.72 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5/12-ST-5,08 NZ:A21X2 - PCB connector

1706707 Datasheet (PDF)

Go To PDF Page Download Datasheet
1706707 Datasheet PDF - PHOENIX CONTACT

Part # 1706707
Download  1706707 Click to download

File Size   1219.72 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5/12-ST-5,08 NZ:A21X2 - PCB connector

1706707 Datasheet (HTML) - PHOENIX CONTACT


1706707 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
12, number of rows: 1, number of positions: 12, number of connections: 12, product range:
MVSTBW 2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: -90 °, locking clip: - Locking
clip, plug-in system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of
packaging: packed in cardboard




Similar Part No. - 1706707

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706701 PHOENIX-1706701 Datasheet
138Kb / 5P
ZFKDS 1,5-5,08
More results


Similar Description - 1706707

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792760 PHOENIX-1792760 Datasheet
156Kb / 7P
MVSTBW 2,5/ 3-ST-5,08
1792809 PHOENIX-1792809 Datasheet
156Kb / 7P
MVSTBW 2,5/ 7-ST-5,08
1792825 PHOENIX-1792825 Datasheet
155Kb / 7P
MVSTBW 2,5/ 9-ST-5,08
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1912906 PHOENIX-1912906 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 8-ST-5,08
Jan 3, 2023
1912841 PHOENIX-1912841 Datasheet
394Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 2-ST-5,08
1912922 PHOENIX-1912922 Datasheet
393Kb / 12P
PCB connector - MVSTBW 2,5 HC/10-ST-5,08
1912867 PHOENIX-1912867 Datasheet
383Kb / 12P
MVSTBW 2,5 HC/ 4-ST-5,08 - PCB connector
1912870 PHOENIX-1912870 Datasheet
370Kb / 12P
MVSTBW 2,5 HC/ 5-ST-5,08 - PCB connector
1912883 PHOENIX-1912883 Datasheet
371Kb / 12P
MVSTBW 2,5 HC/ 6-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com