Electronic Components Datasheet Search
  English  ▼

X  

1704868 Datasheet (PDF) - PHOENIX CONTACT

1704868 Datasheet PDF - PHOENIX CONTACT
Part # 1704868
Download  1704868 Download
File Size   308.44 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT 2,5/ 4-V-5,0 GY7035 - PCB terminal block

1704868 Datasheet (PDF)

Go To PDF Page Download Datasheet
1704868 Datasheet PDF - PHOENIX CONTACT

Part # 1704868
Download  1704868 Click to download

File Size   308.44 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT 2,5/ 4-V-5,0 GY7035 - PCB terminal block

1704868 Datasheet (HTML) - PHOENIX CONTACT


1704868 Product details

Printed circuit board terminal, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross
section: 2.5 mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4,
product range: SPT 2,5/..-V, pitch: 5 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 90 °, color: light gray, Pin
layout: Linear pinning, Solder pin [P]: 2.5 mm, number of solder pins per potential: 2, type of
packaging: packed in cardboard




Similar Part No. - 1704868

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170486 FESTO-170486 Datasheet
87Kb / 1P
Mini slide
12/7/22
logo
PHOENIX CONTACT
1704860 PHOENIX-1704860 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 7-P-2,5 WH
1704861 PHOENIX-1704861 Datasheet
95Kb / 4P
Plug - PTSM 0,5/ 8-P-2,5 WH
More results


Similar Description - 1704868

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731468 PHOENIX-1731468 Datasheet
145Kb / 8P
PCB terminal block - SPT 2,5/ 1-V-5,0
1732519 PHOENIX-1732519 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 4-V-5,0-EX
1991095 PHOENIX-1991095 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/ 2-V-5,0
1991105 PHOENIX-1991105 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/ 3-V-5,0
1991118 PHOENIX-1991118 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/ 4-V-5,0
1991176 PHOENIX-1991176 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/10-V-5,0
1991192 PHOENIX-1991192 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/12-V-5,0
1708740 PHOENIX-1708740 Datasheet
116Kb / 7P
PCB terminal block - SPT 2,5/ 2-V-5,0 BU
1135348 PHOENIX-1135348 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 4-V-5,0 P26
Jun 29, 2022
1704407 PHOENIX-1704407 Datasheet
402Kb / 11P
SPT 2,5/21-V-5,0 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com