Electronic Components Datasheet Search
  English  ▼

X  

1704333 Datasheet (PDF) - PHOENIX CONTACT

1704333 Datasheet PDF - PHOENIX CONTACT
Part # 1704333
Download  1704333 Download
File Size   312.04 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 2,5-5,08-18 - PCB terminal block

1704333 Datasheet (PDF)

Go To PDF Page Download Datasheet
1704333 Datasheet PDF - PHOENIX CONTACT

Part # 1704333
Download  1704333 Click to download

File Size   312.04 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 2,5-5,08-18 - PCB terminal block

1704333 Datasheet (HTML) - PHOENIX CONTACT


1704333 Product details

Printed circuit board terminal, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross
section: 2.5 mm2, number of potentials: 18, number of rows: 1, number of positions per row: 18,
product range: ZFKDS(A) 2,5, pitch: 5.08 mm, connection method: Spring-cage connection,
mounting: Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard




Similar Part No. - 1704333

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704330 PHOENIX-1704330 Datasheet
90Kb / 4P
Pin strip - PST 1,3/ 4-LH-5,0 C1 - 1704330
08/25/2017
1704335 PHOENIX-1704335 Datasheet
338Kb / 11P
ZFKDSA 2,5-5,08-21 - PCB terminal block
More results


Similar Description - 1704333

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749133 PHOENIX-1749133 Datasheet
46Kb / 2P
PCB terminal block - ZFKDSA 2,5-5,08-32
1765625 PHOENIX-1765625 Datasheet
46Kb / 3P
PCB terminal block - ZFKDSA 2,5-5,08-20
1773471 PHOENIX-1773471 Datasheet
42Kb / 2P
PCB terminal block - ZFKDSA 2,5-5,08- 4 THT
1723353 PHOENIX-1723353 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 2,5-5,08- 8
09/11/2020
1848228 PHOENIX-1848228 Datasheet
87Kb / 2P
PCB terminal block - ZFKDSA 2,5-5,08- 5 EX
11/05/2018
1891496 PHOENIX-1891496 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 4
09/12/2020
1906213 PHOENIX-1906213 Datasheet
243Kb / 8P
ZFKDSA 1,5-5,08- 7 - PCB terminal block
1995512 PHOENIX-1995512 Datasheet
244Kb / 8P
ZFKDSA 1,5-5,08- 5 - PCB terminal block
1891247 PHOENIX-1891247 Datasheet
240Kb / 8P
ZFKDSA 1,5-5,08-18 - PCB terminal block
1932326 PHOENIX-1932326 Datasheet
250Kb / 9P
ZFKDSA 2,5-5,08- 2 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com