Electronic Components Datasheet Search
  English  ▼

X  

1703817 Datasheet (PDF) - PHOENIX CONTACT

1703817 Datasheet PDF - PHOENIX CONTACT
Part # 1703817
Download  1703817 Download
File Size   563.29 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVW 1,5/ 4-ST-3,81 BD:CH6 - PCB connector

1703817 Datasheet (PDF)

Go To PDF Page Download Datasheet
1703817 Datasheet PDF - PHOENIX CONTACT

Part # 1703817
Download  1703817 Click to download

File Size   563.29 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVW 1,5/ 4-ST-3,81 BD:CH6 - PCB connector

1703817 Datasheet (HTML) - PHOENIX CONTACT


1703817 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: MCVW 1,5/.
.-ST, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: -90 °, plug-in system: COMBICON MC 1,5,
locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1703817

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1703810 PHOENIX-1703810 Datasheet
360Kb / 10P
DFK-IPC 16/ 6-STF-10,16 - Feed-through plug
logo
TE Connectivity Ltd
1703810-1 TEC-1703810-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
1703810-2 TEC-1703810-2 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
1703810-6 TEC-1703810-6 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
PHOENIX CONTACT
1703819 PHOENIX-1703819 Datasheet
563Kb / 11P
MCVW 1,5/ 4-ST-3,81 BD:CH7 - PCB connector
More results


Similar Description - 1703817

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1826979 PHOENIX-1826979 Datasheet
151Kb / 6P
MCVW 1,5/ 2-ST-3,81
1826982 PHOENIX-1826982 Datasheet
151Kb / 6P
MCVW 1,5/ 3-ST-3,81
1826995 PHOENIX-1826995 Datasheet
151Kb / 6P
MCVW 1,5/ 4-ST-3,81
1827017 PHOENIX-1827017 Datasheet
151Kb / 6P
MCVW 1,5/ 6-ST-3,81
1827020 PHOENIX-1827020 Datasheet
152Kb / 6P
MCVW 1,5/ 7-ST-3,81
1827033 PHOENIX-1827033 Datasheet
151Kb / 6P
MCVW 1,5/ 8-ST-3,81
1827046 PHOENIX-1827046 Datasheet
152Kb / 6P
MCVW 1,5/ 9-ST-3,81
1827075 PHOENIX-1827075 Datasheet
151Kb / 6P
MCVW 1,5/12-ST-3,81
1827091 PHOENIX-1827091 Datasheet
151Kb / 6P
MCVW 1,5/14-ST-3,81
1827114 PHOENIX-1827114 Datasheet
151Kb / 6P
MCVW 1,5/16-ST-3,81
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com