Electronic Components Datasheet Search
  English  ▼

X  

1700834 Datasheet (PDF) - PHOENIX CONTACT

1700834 Datasheet PDF - PHOENIX CONTACT
Part # 1700834
Download  1700834 Download
File Size   1482.74 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 3-ST-3,81 BD:3-1 SO - PCB connector

1700834 Datasheet (PDF)

Go To PDF Page Download Datasheet
1700834 Datasheet PDF - PHOENIX CONTACT

Part # 1700834
Download  1700834 Click to download

File Size   1482.74 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 3-ST-3,81 BD:3-1 SO - PCB connector

1700834 Datasheet (HTML) - PHOENIX CONTACT


1700834 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: MC 1,5/..-
ST, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking:
without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1700834

ManufacturerPart #DatasheetDescription
logo
Clarke International
1700831 CLARKE-1700831 Datasheet
2Mb / 12P
DIGITAL TORQUE ADAPTOR
DL0626-Rev 2
1700832 CLARKE-1700832 Datasheet
2Mb / 12P
½ DIGITAL TORQUE WRENCH
GC0326
1700833 CLARKE-1700833 Datasheet
476Kb / 4P
¾" DRIVE TORQUE WRENCH
GC05/26 - Rev 1
More results


Similar Description - 1700834

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803581 PHOENIX-1803581 Datasheet
144Kb / 6P
MC 1,5/ 3-ST-3,81
1701903 PHOENIX-1701903 Datasheet
73Kb / 4P
Plug - MCVR 1,5/ 3-ST-3,81 BD:1-3
1707327 PHOENIX-1707327 Datasheet
74Kb / 3P
MC 1,5/ 3-ST-3,81 BKBDWH:-
1862205 PHOENIX-1862205 Datasheet
89Kb / 5P
Plug - MC 1,5/16-ST-3,81 BD:1-16
1900471 PHOENIX-1900471 Datasheet
59Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-ST-3,5 BD:1-3
1962516 PHOENIX-1962516 Datasheet
73Kb / 4P
Printed-circuit board connector - MCVW 1,5/ 3-ST-3,81 BD:1-3
1848274 PHOENIX-1848274 Datasheet
101Kb / 4P
Plug - MC 1,5/ 3-ST-3,81 BD:1-3
11/05/2018
1836082 PHOENIX-1836082 Datasheet
436Kb / 13P
PCB connector - MC 1,5/ 3-ST-5,08
Jul 21, 2022
1840337 PHOENIX-1840337 Datasheet
1Mb / 20P
PCB connector - MC 1,5/18-ST-3,81
Jul 21, 2022
1840324 PHOENIX-1840324 Datasheet
1Mb / 20P
MC 1,5/17-ST-3,81 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com