Electronic Components Datasheet Search
  English  ▼

X  

1015493 Datasheet (PDF) - PHOENIX CONTACT

1015493 Datasheet PDF - PHOENIX CONTACT
Part # 1015493
Download  1015493 Download
File Size   2445.93 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/10-ST-5,08 PA1,4,7,10 - PCB connector

1015493 Datasheet (PDF)

Go To PDF Page Download Datasheet
1015493 Datasheet PDF - PHOENIX CONTACT

Part # 1015493
Download  1015493 Click to download

File Size   2445.93 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/10-ST-5,08 PA1,4,7,10 - PCB connector

1015493 Datasheet (HTML) - PHOENIX CONTACT


1015493 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 1, number of positions: 10, number of connections: 4, product range: MSTB
2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1015493

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10154 ETC-10154 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Norgren Ltd
10154 NORGREN-10154 Datasheet
8Mb / 18P
PNEUFIT 10 series Push-in fittings
03/23
logo
Heyco.
10154 HEYCO-10154 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
SICK AG
1015421 SICK-1015421 Datasheet
667Kb / 6P
BAR CODE SCANNERS
2016-03-11
1015427 SICK-1015427 Datasheet
667Kb / 6P
BAR CODE SCANNERS
2016-03-11
More results


Similar Description - 1015493

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1757077 PHOENIX-1757077 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
1757080 PHOENIX-1757080 Datasheet
148Kb / 7P
MSTB 2,5/ 9-ST-5,08
1757103 PHOENIX-1757103 Datasheet
148Kb / 7P
MSTB 2,5/11-ST-5,08
1757145 PHOENIX-1757145 Datasheet
147Kb / 7P
MSTB 2,5/15-ST-5,08
1752865 PHOENIX-1752865 Datasheet
91Kb / 4P
Plug - MSTB 2,5/10-ST-5,08 AU
1758694 PHOENIX-1758694 Datasheet
102Kb / 3P
MSTB 2,5/10-ST-5,08 BK
1832645 PHOENIX-1832645 Datasheet
92Kb / 4P
MSTB 2,5/10-ST-5,08 BD:NZSO
11/04/2018
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com