Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet (PDF) - Texas Instruments

XTR111 Datasheet PDF - Texas Instruments
Part # XTR111
Download  XTR111 Download
File Size   2576.94 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description XTR111 Precision Voltage-to-Current Converter and Transmitter

XTR111 Datasheet (PDF)

Go To PDF Page Download Datasheet
XTR111 Datasheet PDF - Texas Instruments

Part # XTR111
Download  XTR111 Click to download

File Size   2576.94 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description XTR111 Precision Voltage-to-Current Converter and Transmitter

XTR111 Datasheet (HTML) - Texas Instruments


XTR111 Product details

1 Features
• Easy-to-design input/output ranges: 0mA–20mA,
4mA–20mA, 5mA–25mA or configurable voltage
outputs
• Nonlinearity: 0.002%
• Low offset drift: 1μV/°C
• Accuracy: 0.015%
• Single-supply operation
• Wide supply range: 7V to 44V
• Output error flag (EF)
• Output disable (OD)
• Adjustable voltage regulator: 3V to 15V
• Packages:
– 10-pin HVSSOP
– 10-pin VSON

2 Applications
• HVAC valve and actuator control
• Analog output module
• CPU (PLC controller)
• Flow transmitter

3 Description
The XTR111 is a precision voltage-to-current
converter designed for the standard 0mA to 20mA
or 4mA to 20mA analog signals, and sources up to
32mA. The ratio between input voltage and output
current is set by a single resistor, RSET. The circuit
can also be modified for voltage-output operation.
An external P-MOSFET transistor provides high
output resistance and a broad-compliance voltage
range that extends from 2V less than the supply
voltage, VVSP, to voltages far less than ground.
The adjustable 3V to 15V subregulator output
provides the supply voltage for additional circuitry.
The XTR111 is available in 10-pin HVSSOP and
VSON surface-mount packages.




Similar Part No. - XTR111

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
Precision Voltage-to-Current Converter/Transmitter
XTR111 BURR-BROWN-XTR111 Datasheet
562Kb / 27P
Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 33P
Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
More results


Similar Description - XTR111

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
Precision Programmable CURRENT/VOLTAGE TRANSMITTER
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
Precision Voltage-to-Current Converter/Transmitter
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
Precision Voltage-to-Current Converter/Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com