Electronic Components Datasheet Search
  English  ▼

X  

UCD9240PFCR Datasheet (PDF) - Texas Instruments

UCD9240PFCR Datasheet PDF - Texas Instruments
Part # UCD9240PFCR
Download  UCD9240PFCR Download
File Size   1642.49 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital PWM System Controller

UCD9240PFCR Datasheet (PDF)

Go To PDF Page Download Datasheet
UCD9240PFCR Datasheet PDF - Texas Instruments

Part # UCD9240PFCR
Download  UCD9240PFCR Click to download

File Size   1642.49 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital PWM System Controller

UCD9240PFCR Datasheet (HTML) - Texas Instruments


UCD9240PFCR Product details

1FEATURES
2· Fully Configurable Multi-Output and
Multi-Phase Non-Isolated DC/DC PWM
Controller
· Controls Up To Four Voltage Rails and Up To
Eight Phases
· Supports Switching Frequencies Up to 2MHz
With 250 ps Duty-Cycle Resolution
· Up To 1mV Closed Loop Resolution
· Hardware-Accelerated, 3-Pole/3-Zero
Compensator With Non-Linear Gain for
Improved Transient Performance
· Supports Multiple Soft-Start and Soft-Stop
Configurations Including Prebias Start-up
· Supports Voltage Tracking, Margining and
Sequencing
· Supports Current and Temperature Balancing
for Multi-Phase Power Stages
· Supports Phase Adding/Shedding for
Multi-Phase Power Stages
· Sync In /Out Pins Align DPWM Clocks
Between Multiple UCD9240 Devices
· Fan Monitoring and Control
· 12-Bit Digital Monitoring of Power Supply
Parameters Including:
– Input Current and Voltage
– Output Current and Voltage
– Temperature at Each Power Stage
· Multiple Levels of Overcurrent Fault
Protection:
– External Current Fault Inputs
– Analog Comparators Monitor Current
Sense Voltage
– Current Continually Digitally Monitored
· Over and Undervoltage Fault Protection
· Overtemperature Fault Protection
· Enhanced Nonvolatile Memory With Error
Correction Code (ECC)
· Device Operates From a Single Supply With an
Internal Regulator Controller That Allows
Operation Over a Wide Supply Voltage Range
· Supported by Fusion Digital Power™
Designer, a Full Featured PC Based Design
Tool to Simulate, Configure, and Monitor
Power Supply Performance.

APPLICATIONS
· Industrial/ATE
· Networking Equipment
· Telecommunications Equipment
· Servers
· Storage Systems
· FPGA, DSP and Memory Power

DESCRIPTION
The UCD9240 is a multi-rail, multi-phase
synchronous buck digital PWM controller designed for non-isolated DC/DC power applications. This device
integrates dedicated circuitry for DC/DC loop
management with flash memory and a serial interface
to support configurability, monitoring and
management.
The UCD9240 was designed to provide a wide
variety of desirable features for non-isolated DC/DC
converter applications while minimizing the total system component count by reducing external
circuits. The solution integrates multi-loop
management with sequencing, margining, tracking
and intelligent phase management to optimize for
total system efficiency. Additionally, loop compensation and calibration are supported without
the need to add external components.
To facilitate configuring the device, the Texas
Instruments Fusion Digital Power™ Designer is
provided. This PC based Graphical User Interface
offers an intuitive interface to the device. This tool
allows the design engineer to configure the system
operating parameters for the application, store the configuration to on-chip non-volatile memory and
observe both frequency domain and time domain
simulations for each of the power stage outputs.
TI has also developed multiple complementary power
stage solutions – from discrete drives in the UCD7k
family to fully tested power train modules in the PTD
family. These solutions have been developed to
complement the UCD9k family of system power controllers.




Similar Part No. - UCD9240PFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240PFCR TI-UCD9240PFCR Datasheet
1Mb / 38P
Digital PWM System Controller
UCD9240PFCR TI-UCD9240PFCR Datasheet
945Kb / 36P
Digital PWM System Controller
UCD9240PFCR TI1-UCD9240PFCR Datasheet
1Mb / 39P
Digital PWM System Controller
UCD9240PFCR TI1-UCD9240PFCR Datasheet
1Mb / 39P
Digital PWM System Controller
More results


Similar Description - UCD9240PFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
Digital PWM System Controller
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
True Digital PWM Controller
logo
Texas Instruments
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
Digital PWM System Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com