Electronic Components Datasheet Search
  English  ▼

X  

UCC24612 Datasheet (PDF) - Texas Instruments

UCC24612 Datasheet PDF - Texas Instruments
Part # UCC24612
Download  UCC24612 Download
File Size   954.69 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC24612 High Frequency Synchronous Rectifier Controller

UCC24612 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC24612 Datasheet PDF - Texas Instruments

Part # UCC24612
Download  UCC24612 Click to download

File Size   954.69 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC24612 High Frequency Synchronous Rectifier Controller

UCC24612 Datasheet (HTML) - Texas Instruments


UCC24612 Product details

1 Features
1• Supports Topologies such as Active Clamp
Flyback, QR, DCM, CCM Flyback and LLC
• MOSFET VDS Sensing up to 230 V
• Operating Frequency Up to 1 MHz
– 1 MHz for UCC24612-1
– 800 kHz for UCC24612-2
• Wide VDD Range Allows for Direct Bias from 5-V
to 28-V Output Systems
• 4-A Sink, 1-A Source Gate Driver with
Proportional Gate Drive
• Adaptive Minimum Off-time for Increased Noise
Immunity
• Cycle Limit Pre-Turn-off Improves Efficiency in
CCM
• High or Low-Side Configurable
• Automatic Light-Load and Sleep-Mode
Management with 320-μA standby current
• 16-ns Typical Turnoff Propagation Delay
• 9.5-V Gate Drive Clamp for Reduced Driving Loss

2 Applications
• AC-to-DC Adapters
• USB Type-C and Power Delivery AC Adapters
• Server and Telecom Power Supply
• AC-to-DC Auxiliary Power Supply

3 Description
UCC24612 is a high performance synchronous
rectifier controller and driver for standard and logiclevel
N-channel MOSFET power devices. By
implementing a near-ideal diode emulation
UCC24612 reduces losses of the output rectifier and
indirectly the primary side losses. The drain to source
(VDS) sensing control scheme allows UCC24612 to
work with multiple topologies, such as Active Clamp
Flyback, QR/DCM/CCM Flyback and LLC, et.
Integrated features simplify the design effort, enabling
UCC24612 to excel in a variety of applications and
frequencies. The wide operating VDD and VD voltage
ranges enable simple implementation in systems with
outputs up to 28 V. Efficiency and noise immunity is
enhanced with adaptive minimum off-time. Variants
UCC24612-1 and UCC24612-2 offer different
minimum on-times to provide additional noise
immunity. Robust operation in continuous conduction
mode (CCM) is further enhanced with proportional
gate-drive and CCM cycle limit pre-turn-off.
UCC24612 has multiple features that improve
efficiency. The fast comparator with short propagation
delays reduces switching loss. The 9.5-V gate drive
clamp reduces MOSFET driving losses. Frequency
dependent standby modes further decreases standby
power. These features help UCC24612 be part of a
greater system that meets stringent efficiency
standards such as Department of Energy (DoE) Level
VI and Code of Conduct (CoC) Tier 2.
UCC24612 is available in a SOT23-5 package.




Similar Part No. - UCC24612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24612 TI1-UCC24612 Datasheet
816Kb / 40P
High-Frequency Multi-Mode Synchronous Rectifier Controller
UCC24612 TI2-UCC24612 Datasheet
954Kb / 38P
UCC24612 High Frequency Synchronous Rectifier Controller
REVISED FEBRUARY 2018
UCC24612-1 TI2-UCC24612-1 Datasheet
954Kb / 38P
UCC24612 High Frequency Synchronous Rectifier Controller
REVISED FEBRUARY 2018
UCC24612-1DBVR TI1-UCC24612-1DBVR Datasheet
816Kb / 40P
High-Frequency Multi-Mode Synchronous Rectifier Controller
UCC24612-1DBVR TI2-UCC24612-1DBVR Datasheet
954Kb / 38P
UCC24612 High Frequency Synchronous Rectifier Controller
REVISED FEBRUARY 2018
More results


Similar Description - UCC24612

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
logo
International Rectifier
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
logo
ON Semiconductor
NCP43080 ONSEMI-NCP43080 Datasheet
453Kb / 36P
Synchronous Rectifier Controller
November, 2015 ??Rev. P0
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
Synchronous Rectifier Controller
EUP9291 EUTECH-EUP9291 Datasheet
90Kb / 1P
Synchronous Rectifier Controller
logo
Texas Instruments
UCC24612 TI1-UCC24612 Datasheet
816Kb / 40P
High-Frequency Multi-Mode Synchronous Rectifier Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com