Electronic Components Datasheet Search
  English  ▼

X  

1291191 Datasheet (PDF) - PHOENIX CONTACT

1291191 Datasheet PDF - PHOENIX CONTACT
Part # 1291191
Download  1291191 Download
File Size   478.81 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MACX MCR-EX-AP-RPSS-I-I - Repeater power supply

1291191 Datasheet (PDF)

Go To PDF Page Download Datasheet
1291191 Datasheet PDF - PHOENIX CONTACT

Part # 1291191
Download  1291191 Click to download

File Size   478.81 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MACX MCR-EX-AP-RPSS-I-I - Repeater power supply

1291191 Datasheet (HTML) - PHOENIX CONTACT


1291191 Product details

Ex i-Feed and input signal conditioner feeds 2-, 3- and 4-conductor measuring transducer and
transmits 1:1 passive or active 0 mA / 4 mA ... 20 mA Ex i input signals as active non Ex i output
signal. number of channels: 1, HART-transparent, Standard configuration, 3-way isolation,
Safety Integrity Level (SIL, IEC 61508): 3, Screw connection




Similar Part No. - 1291191

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1291193 PHOENIX-1291193 Datasheet
479Kb / 11P
MACX MCR-EX-AP-RPSS-I-I-SP - Repeater power supply
More results


Similar Description - 1291191

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902014 PHOENIX-2902014 Datasheet
96Kb / 5P
Repeater power supply - MINI MCR-2-RPSS-I-I
2902015 PHOENIX-2902015 Datasheet
95Kb / 5P
Repeater power supply - MINI MCR-2-RPSS-I-I-PT
2904963 PHOENIX-2904963 Datasheet
83Kb / 5P
Repeater power supply - MACX PL-EX-RPSS-2I-2I
2904964 PHOENIX-2904964 Datasheet
73Kb / 5P
Repeater power supply - MACX PL-EX-RPSS-2I-2I-SP
2924207 PHOENIX-2924207 Datasheet
96Kb / 5P
Repeater power supply - MACX MCR-SL-RPSSI-I-SP
2924210 PHOENIX-2924210 Datasheet
99Kb / 5P
Repeater power supply - MACX MCR-SL-RPSSI-I-UP-SP
105571 PHOENIX-105571 Datasheet
259Kb / 13P
MACX MCR-EX-SL-RPSS-2I-2I
2865243 PHOENIX-2865243 Datasheet
107Kb / 5P
Repeater power supply - PI-EX-RPSS
11/05/2018
2908060 PHOENIX-2908060 Datasheet
330Kb / 15P
Output signal conditioner - MACX MCR-EX-IDS-I-I
03/25/2022
2908062 PHOENIX-2908062 Datasheet
325Kb / 15P
Output signal conditioner - MACX MCR-EX-IDS-I-I-SP
03/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com