Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD37 Datasheet (PDF) - Texas Instruments

SN65HVD37 Datasheet PDF - Texas Instruments
Part # SN65HVD37
Download  SN65HVD37 Download
File Size   633.65 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver

SN65HVD37 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD37 Datasheet PDF - Texas Instruments

Part # SN65HVD37
Download  SN65HVD37 Click to download

File Size   633.65 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver

SN65HVD37 Datasheet (HTML) - Texas Instruments


SN65HVD37 Product details

1FEATURES
• Low-Current Standby Mode: <1 μA Typical
• Operational Quiescent Current < 1 mA
• High Receiver Hysteresis for Noise Immunity
(60 mV Typical)
• 1/8 Unit-Load (Up to 256 Nodes on the Bus)
• Bus-pin ESD Protection Exceeds 15 kV HBM
• Driver Output Transition Times Optimized for
Signaling Rate up to 20 Mbps
• Glitch-Free Power-Up and Power-Down
Protection for Hot-Plugging Applications
• 5V-Tolerant Logic Inputs
• Bus Idle, Open, and Short-Circuit Failsafe
• Driver Current Limiting and Thermal Shutdown
• Fully Meets All TIA-485-A Specifications

APPLICATIONS
• Telecommunications Equipment
• Industrial Automation
• Process Automation
• Building Automation
• Point-of-Sale (POS) Terminals
• Improved Replacement for ADM3076,
ADM3491, LTC2852, MAX3491 and SP3491

DESCRIPTION
The SN65HVD37 combines a robust differential driver
and a receiver with high noise immunity for
demanding industrial applications. The driver
differential outputs and the receiver differential inputs
are separate pins, to form a bus port for full-duplex
(four-wire) communications. The driver and receiver
can be independently enabled, and feature a wide
common-mode voltage range, making this device
suitable for multi-point applications over long cable
runs. The SN65HVD37 is characterized over the
temperature range of -40ºC to 85 ºC.




Similar Part No. - SN65HVD37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37 TI-SN65HVD37 Datasheet
1Mb / 21P
3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI-SN65HVD37 Datasheet
726Kb / 25P
3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI-SN65HVD37 Datasheet
834Kb / 28P
3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI1-SN65HVD37 Datasheet
729Kb / 16P
Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD37 TI1-SN65HVD37 Datasheet
715Kb / 16P
Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
More results


Similar Description - SN65HVD37

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI1-SN65HVD37 Datasheet
729Kb / 16P
Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD37_1207 TI1-SN65HVD37_1207 Datasheet
715Kb / 16P
Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
logo
Exar Corporation
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Texas Instruments
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
logo
Exar Corporation
SP3485 EXAR-SP3485 Datasheet
447Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com