Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD01 Datasheet (PDF) - Texas Instruments

SN65HVD01 Datasheet PDF - Texas Instruments
Part # SN65HVD01
Download  SN65HVD01 Download
File Size   1256.41 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD01 3.3V RS-485 with Flexible I/O Supply and Selectable Speed

SN65HVD01 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD01 Datasheet PDF - Texas Instruments

Part # SN65HVD01
Download  SN65HVD01 Click to download

File Size   1256.41 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD01 3.3V RS-485 with Flexible I/O Supply and Selectable Speed

SN65HVD01 Datasheet (HTML) - Texas Instruments


SN65HVD01 Product details

1 Features
1• Exceeds Requirements of TIA-485 Standard
• 1.65-V to 3.6-V Supply for Data and Enable
Signals
• 3-V to 3.6-V Supply for Bus Signals
• SLR Pin Selectable Data Rates: 250 kbps or 20 OnMbps
• 1/8th Unit Load to Support up to 256 Nodes on a
Bus
• Small 3 mm x 3 mm SON Package
• Failsafe Receiver (Bus Open, Bus Shorted, Bus
Idle)
• Operating Temperature Range: –40°C to 125°C
• Bus-Pin Protection More Than:
– ± 15kV HBM Protection
– ± 16kV IEC61000-4-2 Contact Discharge
– ± 16kV IEC61000-4-2 Air Discharge
– 4kV IEC61000-4-4 Fast Transient Burst

2 Applications
• Telecom Infrastructure
• High-Speed Data Links
• Low-Voltage μC Communication

3 Description
The SN65HVD01 is a low-power, 250 kbps or 20
Mbps data rate selectable RS-485 transceiver, utilizing a 1.65-V to 3.6-V supply for data and enable
signals, and a 3.3 V ± 10% supply for bus signals.
The device is designed for applications requiring
synchronous (parallel transceiver) signal timing. OnMbps
chip transient suppression protects the device against
destructive IEC 61000 ESD and EFT transients.
The device combines a differential driver and a
differential receiver, connected internally to form a bus port suitable for half-duplex (two-wire bus)
communication. The device features a wide common-
mode voltage range making it suitable for multi-point
applications over long cable runs. The SN65HVD01 is
available in a tiny, 3 mm x 3 mm, SON package with operation characterized from -40°C to 125°C.




Similar Part No. - SN65HVD01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
435Kb / 21P
3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01 TI2-SN65HVD01 Datasheet
1Mb / 27P
SN65HVD01 3.3V RS-485 with Flexible I/O Supply and Selectable Speed
REVISED AUGUST 2014
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
SN65HVD01-EVM Evaluation Module
SN65HVD01DRC TI2-SN65HVD01DRC Datasheet
1Mb / 27P
SN65HVD01 3.3V RS-485 with Flexible I/O Supply and Selectable Speed
REVISED AUGUST 2014
More results


Similar Description - SN65HVD01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD01 TI1-SN65HVD01 Datasheet
435Kb / 21P
3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD01 TI1-SN65HVD01_14 Datasheet
982Kb / 24P
3.3V RS-485 with Flexible I/O Supply and Selectable Speed
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
Serial I/O Module RS-422A/485
logo
Moxa Inc.
R1200 MOXA-R1200 Datasheet
2Mb / 7P
RS-485 remote I/O
logo
Advantech Co., Ltd.
WISE-2200-M ADVANTECH-WISE-2200-M Datasheet
404Kb / 2P
LoRaWAN Single RS-485 I/O Module
16-Mar-2022
logo
Texas Instruments
THVD2410V TI-THVD2410V_V01 Datasheet
2Mb / 39P
THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com