Electronic Components Datasheet Search
  English  ▼

X  

UCC5310 Datasheet (PDF) - Texas Instruments

UCC5310 Datasheet PDF - Texas Instruments
Part # UCC5310
Download  UCC5310 Download
File Size   2307.68 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC53x0 Single-Channel Isolated Gate Drivers

UCC5310 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC5310 Datasheet PDF - Texas Instruments

Part # UCC5310
Download  UCC5310 Click to download

File Size   2307.68 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC53x0 Single-Channel Isolated Gate Drivers

UCC5310 Datasheet (HTML) - Texas Instruments


UCC5310 Product details

1 Features
• Feature options
– Split outputs (UCC53x0S)
– UVLO referenced to GND2 (UCC53x0E)
– Miller clamp option (UCC53x0M)
• 8-pin D (4mm creepage) and
DWV (8.5mm creepage) package
• 60ns (typical) propagation delay
• 100kV/μs minimum CMTI
• Isolation barrier life > 40 Years
• 3V to 15V input supply voltage
• Up to 33V driver supply voltage
– 8V and 12V UVLO options
• Negative 5V handling capability on input pins
• Safety-related certifications:
– 7000VPK isolation DWV (planned) and 4242VPK
isolation D per DIN V VDE V 0884-11:2017-01
and DIN EN 61010-1
– 5000VRMS DWV and 3000VRMS D
isolation rating for 1 minute per UL 1577
– CQC certification per GB4943.1-2011
D and DWV (planned)
• CMOS inputs
• Operating temperature: –40°C to +125°C

2 Applications
• Motor drives
• High voltage DC-to-DC converters
• UPS and PSU
• HEV and EV power modules
• Solar inverters

3 Description
The UCC53x0 is a family of single-channel, isolated
gate drivers designed to drive MOSFETs, IGBTs,
SiC MOSFETs, and GaN FETs (UCC5350SBD).
The UCC53x0S provides a split output that controls
the rise and fall times individually. The UCC53x0M
connects the gate of the transistor to an internal
clamp to prevent false turn-on caused by Miller
current. The UCC53x0E has its UVLO2 referenced to
GND2 to get a true UVLO reading.
The UCC53x0 is available in a 4mm SOIC-8
(D) or 8.5mm SOIC-8 (DWV) package and can
support isolation voltage up to 3kVRMS and 5kVRMS,
respectively. With these various options the UCC53x0
family is a good fit for motor drives and industrial
power supplies.
Compared to an optocoupler, the UCC53x0 family
has lower part-to-part skew, lower propagation delay,
higher operating temperature, and higher CMTI.




Similar Part No. - UCC5310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5310 TI1-UCC5310 Datasheet
1Mb / 46P
4.3-A, 3-kVRMS Isolated Single-Channel Gate Drivers
UCC5310 TI1-UCC5310 Datasheet
1Mb / 47P
3-kVRMS Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310 Datasheet
726Kb / 35P
3-kVRMS Single-Channel Isolated Gate Driver with 8-V UVLO
UCC5310 TI1-UCC5310 Datasheet
1Mb / 56P
Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310 Datasheet
1Mb / 48P
Single-Channel Isolated Gate Drivers
More results


Similar Description - UCC5310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5310 TI1-UCC5310 Datasheet
1Mb / 46P
4.3-A, 3-kVRMS Isolated Single-Channel Gate Drivers
UCC5310 TI1-UCC5310_17 Datasheet
1Mb / 47P
3-kVRMS Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
Single-Channel Isolated Gate Drivers
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
Single-Channel Isolated Gate Drivers
UCC5310_0018 TI1-UCC5310_0018 Datasheet
1Mb / 58P
Single-Channel Isolated Gate Drivers
logo
Maxim Integrated Produc...
MAX22700D MAXIM-MAX22700D Datasheet
1Mb / 30P
Ultra-High CMTI Isolated Gate Drivers
Rev 2; 9/19
logo
Texas Instruments
UCC5310 TI1-UCC5310_V01 Datasheet
2Mb / 60P
UCC53x0 Single-Channel Isolated Gate Drivers
UCC23514 TI1-UCC23514 Datasheet
1Mb / 39P
UCC23514 4-A Source, 5-A Sink, 5.0-kVRMS Opto-Compatible Single Channel Isolated Gate Drivers
logo
Analog Devices
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
Isolated, Precision Gate Drivers with 2 A Output
5/2017-Revision 0
logo
Maxim Integrated Produc...
MAX22702D MAXIM-MAX22702D_V01 Datasheet
1Mb / 30P
Ultra-High CMTI Isolated Gate Drivers
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com