Electronic Components Datasheet Search
  English  ▼

X  

UCC5304 Datasheet (PDF) - Texas Instruments

UCC5304 Datasheet PDF - Texas Instruments
Part # UCC5304
Download  UCC5304 Download
File Size   1047.78 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity

UCC5304 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC5304 Datasheet PDF - Texas Instruments

Part # UCC5304
Download  UCC5304 Click to download

File Size   1047.78 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity

UCC5304 Datasheet (HTML) - Texas Instruments


UCC5304 Product details

1 Features
1• Reinforced isolation
• Single channel in DWV Package with 8.5-mm
creepage distance
• CMTI greater than 100-V/ns
• 4-A peak source, 6-A peak sink output
• Switching parameters:
– 40-ns maximum propagation delay
– 5-ns maximum delay matching
– 5.5-ns maximum pulse-width distortion
– 35-μs maximum VDD power-up delay
• Up to 18-V VDD output drive supply
– 5-V VDD UVLO
• Operating temp. range (TA) –40°C to 125°C
• Rejects input pulses shorter than 5-ns
• TTL and CMOS compatible inputs

2 Applications
• AC-DC and DC-DC converters
• Motor drives
• Industrial transportation and robotics

3 Description
The UCC5304 device is an isolated single-channel
gate driver with 4-A peak-source and 6-A peak-sink
current. It is designed to drive power MOSFETs and
GaNFETs in PFC, Isolated AC/DC, DC/DC, and
synchronous rectification applications, with fast
switching performance and robust ground bounce
protection through greater than 100-V/ns commonmode
transient immunity (CMTI).
The UCC5304 is available in a 8.5 mm SOIC-8
(DWV) package and can support isolation voltage up
to 5-kVRMS. Compared to an optocoupler, the
UCC5304 family has lower part-to-part skew, lower
propagation delay, higher operating temperature, and
higher CMTI.
Protection features include: IN pin rejects input
transient shorter than 5-ns; both input and output can
withstand –2-V spikes for 200-ns, both supplies have
undervoltage lockout (UVLO), and active pull down
protection clamps the output below 2.1-V when
unpowered or floated.
With these features, this device enables high
efficiency, high power density, and robustness in a
wide variety of power applications.




Similar Part No. - UCC5304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5304 TI1-UCC5304 Datasheet
1Mb / 32P
UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity
UCC5304 TI1-UCC5304 Datasheet
1Mb / 32P
UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity
UCC5304DWV TI1-UCC5304DWV Datasheet
1Mb / 32P
UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity
UCC5304DWVR TI1-UCC5304DWVR Datasheet
1Mb / 32P
UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity
UCC5304 TI1-UCC5304_V01 Datasheet
1Mb / 32P
UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity
More results


Similar Description - UCC5304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC5304 TI1-UCC5304 Datasheet
1Mb / 32P
UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity
UCC5304 TI1-UCC5304_V01 Datasheet
1Mb / 32P
UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity
UCC23513-Q1 TI-UCC23513-Q1_V01 Datasheet
9Mb / 41P
UCC23513-Q1 4-A Source, 5-A Sink, 5.7-kVRMS Reinforced, Opto-Compatible, Single-Channel Isolated Gate Driver
UCC21551-Q1 TI-UCC21551-Q1 Datasheet
1Mb / 43P
UCC21551-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
DECEMBER 2022
UCC21551-Q1 TI-UCC21551-Q1_V01 Datasheet
1Mb / 44P
UCC21551-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
DECEMBER 2022
UCC21550-Q1 TI1-UCC21550-Q1 Datasheet
2Mb / 41P
UCC21550x-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
MAY 2023
UCC21551-Q1 TI1-UCC21551-Q1_V02 Datasheet
1Mb / 46P
UCC21551x-Q1 Automotive 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED JUNE 2023
UCC21551 TI-UCC21551 Datasheet
1Mb / 47P
UCC21551x 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED JUNE 2023
UCC21550 TI1-UCC21550 Datasheet
2Mb / 49P
UCC21550x 4-A, 6-A, Reinforced Isolation Dual-Channel Gate Driver
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com