Electronic Components Datasheet Search
  English  ▼

X  

UCC28631 Datasheet (PDF) - Texas Instruments

UCC28631 Datasheet PDF - Texas Instruments
Part # UCC28631
Download  UCC28631 Download
File Size   3500.0 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2863x, High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode

UCC28631 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28631 Datasheet PDF - Texas Instruments

Part # UCC28631
Download  UCC28631 Click to download

File Size   3500.0 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2863x, High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode

UCC28631 Datasheet (HTML) - Texas Instruments


UCC28631 Product details

1 Features
1• High-Power, Primary-Side CV/CC Regulation
• Continuous Conduction Mode (CCM) and
Discontinuous Conduction Mode (DCM) Operation
• Built-In 700-V Start-Up Current Source
• Active X-Capacitor Discharge (UCC28630 and
UCC28633)
• Adjustable Constant-Current (CC) Mode Limiting
(except for UCC28630)
• High Gate Drive Current 1-A Source and 2-A Sink
• Low Power Modes for <30-mW System Standby
• Best-In-Class Light Load (10%) Efficiency >85%
• PSR design with no opto-coupler - can meet high
CM isolation & surge requirements
• VDD OVP for independent indirect output OV
under open-feedback fault conditions
• Peak-Power Mode for Transient Overload
• Shutdown Pin Interface for External NTC
• Protections: Overvoltage, Overcurrent, Over-
Temperature, Overload Timer (UCC28630), AC
Line UV, Brownout and Pin Protections
• Frequency Dither to Ease EMI Compliance
(except the UCC28632)
• Create a Custom Design Using the UCC2863x
With the WEBENCH® Power Designer

2 Applications
• AC-DC Adapters for Notebook, Game Consoles,
Printers
• Open Frame SMPS for Industrial, Printer, White
Goods, LCD Monitors
• Energy Efficient AC-DC Supplies for Nominal
Power 10-W to 65-W, (with up to 200% transient
peak power)

3 Description
The UCC2863x targets high-power, primary-side
regulated flyback converters. The ability to operate in
both CCM and DCM make the device suitable for
applications with a wide power range. The peak
power mode allows transient peak power delivery up
to 200% of nominal rating, with only a 25% peak
current increase, maximizing transformer utilization.
The transformer bias winding is used to sense output
voltage for regulation, and for low-loss input voltage
sensing. Advanced sampling techniques allow CCM
operation, and deliver excellent output voltage
regulation performance for opto-coupler-less designs
at power levels of 100 W and above.
A high-voltage current source enables fast and
efficient start-up. Advanced light-load modes are
deployed to reduce both controller and system power
consumption at no load and light load. These modes
enable potential system designs to meet 30-mW noload
power for power designs up to 30 W nominal, 60
W peak.
The device has been designed for ease-of-use and
incorporates many features to enable a wide range of
designs. Extensive protection features are included to
simplify system design.
See the Device Comparison Table for details.




Similar Part No. - UCC28631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28631 TI-UCC28631 Datasheet
3Mb / 79P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28631 TI1-UCC28631 Datasheet
3Mb / 85P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28631D TI-UCC28631D Datasheet
3Mb / 79P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28631D TI1-UCC28631D Datasheet
3Mb / 85P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28631DR TI-UCC28631DR Datasheet
3Mb / 79P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
More results


Similar Description - UCC28631

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI-UCC28632_15 Datasheet
3Mb / 79P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 4
logo
Texas Instruments
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com