Electronic Components Datasheet Search
  English  ▼

X  

UCC27423D Datasheet (PDF) - Texas Instruments

UCC27423D Datasheet PDF - Texas Instruments
Part # UCC27423D
Download  UCC27423D Download
File Size   2469.9 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2742x Dual 4-A High Speed Low-Side MOSFET Drivers With Enable

UCC27423D Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27423D Datasheet PDF - Texas Instruments

Part # UCC27423D
Download  UCC27423D Click to download

File Size   2469.9 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2742x Dual 4-A High Speed Low-Side MOSFET Drivers With Enable

UCC27423D Datasheet (HTML) - Texas Instruments


UCC27423D Product details

1 Features
• Industry-Standard Pin-Out
• Enable Functions for Each Driver
• High Current Drive Capability of ±4 A
• Unique BiPolar and CMOS True Drive Output
Stage Provides High Current at MOSFET Miller
Thresholds
• TTL/CMOS Compatible Inputs Independent of
Supply Voltage
• 20-ns Typical Rise and 15-ns Typical Fall Times
with 1.8-nF Load
• Typical Propagation Delay Times of 25 ns with
Input Falling and 35 ns with Input Rising
• 4-V to 15-V Supply Voltage
• Dual Outputs Can Be Paralleled for Higher Drive
Current
• Available in Thermally Enhanced MSOP
PowerPAD™ Package
• Rated From –40°C to 125°C

2 Applications
• Switch Mode Power Supplies
• DC/DC Converters
• Motor Controllers
• Line Drivers
• Class D Switching Amplifiers

3 Description
The UCC2742x family of high-speed dual MOSFET
drivers can deliver large peak currents into capacitive
loads. Three standard logic options are offered – dualinverting,
dual-noninverting, and one-inverting and
one-noninverting driver. The thermally enhanced 8-
pin PowerPAD™ MSOP package (DGN) drastically
lowers the thermal resistance to improve long-term
reliability. It is also offered in the standard SOIC-8 (D)
or PDIP-8 (P) packages.
Using a design that inherently minimizes shootthrough
current, these drivers deliver 4A of current
where it is needed most at the Miller plateau region
during the MOSFET switching transition. A unique
BiPolar and MOSFET hybrid output stage in parallel
also allows efficient current sourcing and sinking at
low supply voltages.
The UCC2742x provides enable (ENB) functions to
have better control of the operation of the driver
applications. ENBA and ENBB are implemented on
pins 1 and 8 which were previously left unused in the
industry standard pin-out. They are internally pulled
up to VDD for active high logic and can be left open for
standard operation.




Similar Part No. - UCC27423D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423D TI-UCC27423D Datasheet
385Kb / 24P
DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423D TI1-UCC27423D Datasheet
1Mb / 30P
Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423D TI1-UCC27423D Datasheet
1Mb / 30P
Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423D TI1-UCC27423D Datasheet
1Mb / 34P
Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423DG4 TI1-UCC27423DG4 Datasheet
1Mb / 30P
Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results


Similar Description - UCC27423D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com