Electronic Components Datasheet Search
  English  ▼

X  

UCC27516 Datasheet (PDF) - Texas Instruments

UCC27516 Datasheet PDF - Texas Instruments
Part # UCC27516
Download  UCC27516 Download
File Size   1165.56 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 4-A Peak Sink)

UCC27516 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27516 Datasheet PDF - Texas Instruments

Part # UCC27516
Download  UCC27516 Click to download

File Size   1165.56 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 4-A Peak Sink)

UCC27516 Datasheet (HTML) - Texas Instruments


UCC27516 Product details

1 Features
1• Low-Cost Gate-Driver Device Offering Superior
Replacement of NPN and PNP Discrete Solutions
• 4-A Peak-Source and 4-A Peak-Sink Symmetrical
Drive
• Fast Propagation Delays (13-ns Typical)
• Fast Rise and Fall Times (9-ns and 7-ns Typical)
• 4.5 to 18-V Single-Supply Range
• Outputs Held Low During VDD UVLO (Ensures
Glitch-Free Operation at Power Up and Power
Down) high•
TTL and CMOS Compatible Input-Logic Threshold
(Independent of Supply Voltage)
• Hysteretic-Logic Thresholds for High-Noise
Immunity
• Dual Input Design (Choice of an Inverting (IN–
pin) or Noninverting (IN+ Pin) Driver
Configuration)
– Unused Input Pin Can Be Used for Enable or
Disable Function
• Output Held Low When Input Pins Are Floating
• Input Pin Absolute Maximum Voltage Levels Not
Restricted by VDD Pin Bias Supply Voltage
• Operating Temperature Range of –40°C to 140°C
• 5-Pin DBV (SOT-23) and 6-Pin DRS (3-mm ×
3-mm WSON With Exposed Thermal Pad)
Package Options

2 Applications
• Switched-Mode Power Supplies
• DC-DC Converters
• Companion Gate-Driver Devices for Digital-Power
Controllers
• Solar Power, Motor Control, UPS
• Gate Driver for Emerging Wide Band-Gap Power
Devices (such as GaN)

3 Description
The UCC27516 and UCC27517 single-channel, high•
speed, low-side gate driver devices can effectively
drive MOSFET and IGBT power switches. Using a design that inherently minimizes shoot-through
current, UCC27516 and UCC27517 can source and
sink high peak-current pulses into capacitive loads
offering rail-to-rail drive capability and extremely small
propagation delay, typically 13 ns.
The UCC27516 and UCC27517 provides 4-A source,
4-A sink (symmetrical drive) peak-drive current
capability at VDD = 12 V.




Similar Part No. - UCC27516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27516 TI1-UCC27516 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27516DRS TI1-UCC27516DRS Datasheet
1Mb / 24P
Single Channel High-Speed, Low-Side Gate Driver
UCC27516DRS TI1-UCC27516DRS Datasheet
993Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver
UCC27516DRS TI1-UCC27516DRS Datasheet
671Kb / 24P
Single Channel High-Speed, Low-Side Gate Driver
More results


Similar Description - UCC27516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com