Electronic Components Datasheet Search
  English  ▼

X  

UCC27200ADDA Datasheet (PDF) - Texas Instruments

UCC27200ADDA Datasheet PDF - Texas Instruments
Part # UCC27200ADDA
Download  UCC27200ADDA Download
File Size   3161.7 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2720xA 120V, 3A/3A Half-Bridge Drivers with 8V UVLO

UCC27200ADDA Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27200ADDA Datasheet PDF - Texas Instruments

Part # UCC27200ADDA
Download  UCC27200ADDA Click to download

File Size   3161.7 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2720xA 120V, 3A/3A Half-Bridge Drivers with 8V UVLO

UCC27200ADDA Datasheet (HTML) - Texas Instruments


UCC27200ADDA Product details

1 Features
• Drives two N-channel MOSFETs in high-side and
low-side configuration
• Negative voltage handling on HS (–18V)
• Maximum boot voltage 120V
• Maximum VDD voltage 20V
• On-chip 0.65V VF, 0.65Ω RD bootstrap diode
• 22ns propagation delay times
• 3A sink, 3A source output currents
• 8ns rise/7ns fall time with 1000pF load
• 1ns delay matching
• Undervoltage lockout for high-side and low-side
driver
• Specified from –40°C to 150°C

2 Applications
• Solar power optimizers and micro inverters
• Telecom and merchant power supplies
• Online and offline UPS
• Energy storage systems
• Battery test equipment

3 Description
The UCC2720xA family of high-frequency N-channel
MOSFET drivers include a 120V bootstrap diode and
high-side/low-side driver with independent inputs for
maximum control flexibility. This allows for N-channel
MOSFET control in half-bridge, full-bridge, twoswitch
forward and active clamp forward converters.
The low-side and the high-side gate drivers are
independently controlled and matched to 1ns between
the turn-on and turn-off of each other. In order
to improve performance in noisy power supply
environments the UCC2720xA has an enhanced ESD
input structure and also has the ability to withstand a
maximum of –18V on its HS pin.
An on-chip bootstrap diode eliminates the external
discrete diodes. Under-voltage lockout is provided for
both the high-side and the low-side drivers forcing the
outputs low if the drive voltage is below the specified
threshold.
Two versions of the UCC2720xA are offered. The
UCC27200A has high-noise immune CMOS input
thresholds while the UCC27201A has TTL-compatible
thresholds.




Similar Part No. - UCC27200ADDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200ADDA TI1-UCC27200ADDA Datasheet
1Mb / 36P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27200ADDA TI1-UCC27200ADDA Datasheet
1Mb / 39P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200ADDA TI1-UCC27200ADDA Datasheet
1Mb / 42P
120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27200ADDAR TI1-UCC27200ADDAR Datasheet
1Mb / 36P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27200ADDAR TI1-UCC27200ADDAR Datasheet
1Mb / 39P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Similar Description - UCC27200ADDA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15018 MAXIM-MAX15018 Datasheet
305Kb / 14P
125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 9/08
logo
Texas Instruments
LM25101A TI-LM25101A Datasheet
1Mb / 25P
LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
Intersil Corporation
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Monolithic Power System...
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Texas Instruments
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Rohm
2SCR587D3 ROHM-2SCR587D3 Datasheet
1Mb / 11P
NPN 3A 120V Power Transistor
logo
Texas Instruments
UCC27288 TI1-UCC27288 Datasheet
1Mb / 31P
UCC27288 2.5-A/3.5-A 120V Half-Bridge Driver with 8V UVLO and No Internal Boostrap Diode
UCC27288 TI1-UCC27288_V01 Datasheet
1Mb / 31P
UCC27288 2.5-A/3.5-A 120V Half-Bridge Driver with 8V UVLO and No Internal Boostrap Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com